Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 33Page - Texas Instruments TMS320VC5416 Datasheet HTML 34Page - Texas Instruments TMS320VC5416 Datasheet HTML 35Page - Texas Instruments TMS320VC5416 Datasheet HTML 36Page - Texas Instruments TMS320VC5416 Datasheet HTML 37Page - Texas Instruments TMS320VC5416 Datasheet HTML 38Page - Texas Instruments TMS320VC5416 Datasheet HTML 39Page - Texas Instruments TMS320VC5416 Datasheet HTML 40Page - Texas Instruments TMS320VC5416 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
3.12 DMA Controller
3.12.1
Features
3.12.2 DMA External Access
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
The device direct memory access (DMA) controller transfers data between points in the memory map
without intervention by the CPU. The DMA allows movements of data to and from internal program/data
memory, internal peripherals (such as the McBSPs), or external memory devices to occur in the
background of CPU operation. The DMA has six independent programmable channels, allowing six
different contexts for DMA operation.
The DMA has the following features:
• The DMA operates independently of the CPU.
• The DMA has six channels. The DMA can keep track of the contexts of six independent block
transfers.
• The DMA has higher priority than the CPU for both internal and external accesses.
• Each channel has independently programmable priorities.
• Each channel's source and destination address registers can have configurable indexes through
memory on each read and write transfer, respectively. The address may remain constant, be
post-incremented, be post-decremented, or be adjusted by a programmable value.
• Each read or write internal transfer may be initialized by selected events.
• On completion of a half- or entire-block transfer, each DMA channel may send an interrupt to the CPU.
• The DMA can perform double-word internal transfers (a 32-bit transfer of two 16-bit words).
The DMA supports external accesses to data, I/O, and extended program memory. These overlay pages
are only visible to the DMA controller. A maximum of two DMA channels can be used for external memory
accesses. The DMA external accesses require a minimum of 8 cycles for external writes and a minimum
of 11 cycles for external reads assuming the XIO02 is in consecutive mode (CONSEC = 1), wait state is
set to two, and CLKOUT is not divided (DIVFCT = 00).
The control of the bus is arbitrated between the CPU and the DMA. While the DMA or CPU is in control of
the external bus, the other will be held-off via wait states until the current transfer is complete. The DMA
takes precedence over XIO requests.
• Only two channels are available for external accesses. (One for external reads and one for external
writes.)
• Single-word (16-bit) transfers are supported for external accesses.
• The DMA does not support transfers from the peripherals to external memory.
• The DMA does not support transfers from external memory to the peripherals.
• The DMA does not support external-to-external accesses.
• The DMA does not support synchronized external accesses.
15
14
13
12
11
10
8
AUTOINIT
DINM
IMOD
CTMOD
SLAXS
SIND
7
6
5
4
2
1
0
DMS
DLAXS
DIND
DMD
LEGEND: R = Read, W = Write, n = value present after reset
Figure 3-16. DMA Transfer Mode Control Register (DMMCRn)
Submit Documentation Feedback
Functional Overview
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com