Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 55Page - Texas Instruments TMS320VC5416 Datasheet HTML 56Page - Texas Instruments TMS320VC5416 Datasheet HTML 57Page - Texas Instruments TMS320VC5416 Datasheet HTML 58Page - Texas Instruments TMS320VC5416 Datasheet HTML 59Page - Texas Instruments TMS320VC5416 Datasheet HTML 60Page - Texas Instruments TMS320VC5416 Datasheet HTML 61Page - Texas Instruments TMS320VC5416 Datasheet HTML 62Page - Texas Instruments TMS320VC5416 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
5.4.2
Multiply-By-N Clock Option (PLL Enabled)
tc(CO)
tc(CI)
tw(COH)
tf(CO)
tr(CO)
tf(CI)
X2/CLKIN
CLKOUT
(see Note A)
td(CI-CO)
tw(COL)
tr(CI)
tp
Unstable
tw(CIH)
tw(CIL)
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
The frequency of the reference clock provided at the X2/CLKIN pin can be multiplied by a factor of N to generate
the internal machine cycle. The selection of the clock mode and the value of N is described in Section 3.10.
Following reset, the software PLL can be programmed for the desired multiplication factor. Refer to the
TMS320C54x DSP Reference Set, Volume 1: CPU and Peripherals (literature number SPRU131) for detailed
information on programming the PLL.
When an external clock source is used, the external frequency injected must conform to specifications listed in
Table 5-5.
Table 5-5 and Table 5-6 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5-4).
Table 5-5. Multiply-By-N Clock Option Timing Requirements
5416-120
5416-160
Unit
MIN
MAX
Integer PLL multiplier N (N = 1-15)(1)
20
200
tc(CI)
Cycle time, X2/CLKIN
PLL multiplier N = x.5(1)
20
100
ns
PLL multiplier N = x.25, x.75(1)
20
50
tf(CI)
Fall time, X2/CLKIN
4
ns
tr(CI)
Rise time, X2/CLKIN
4
ns
tw(CIL)
Pulse duration, X2/CLKIN low
4
ns
tw(CIH)
Pulse duration, X2/CLKIN high
4
ns
(1)
N is the multiplication factor.
Table 5-6. Multiply-By-N Clock Option Switching Characteristics
5416-120
5416-160
PARAMETER
Unit
MIN
TYP
MAX
MIN
TYP
MAX
tc(CO)
Cycle time, CLKOUT
8.33
6.25
ns
td(CI-CO)
Delay time, X2/CLKIN high/low to CLKOUT high/low
4
7
11
4
7
11
ns
tf(CO)
Fall time, CLKOUT
2
2
ns
tr(CO)
Rise time, CLKOUT
2
2
ns
tw(COL)
Pulse duration, CLKOUT low
H – 2
H
H + 1
H – 2
H
H + 1
ns
tw(COH)
Pulse duration, CLKOUT high
H – 2
H
H + 1
H – 2
H
H + 1
ns
tp
Transitory phase, PLL lock-up time
30
30
ms
A.
The CLKOUT timing in this diagram assumes the CLKOUT divide factor (DIVFCT field in the BSCR) is configured as
00 (CLKOUT not divided). DIVFCT is configured as CLKOUT divided-by-4 mode following reset.
Figure 5-4. Multiply-By-One Clock Timing
Submit Documentation Feedback
Electrical Specifications
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com