Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 53Page - Texas Instruments TMS320VC5416 Datasheet HTML 54Page - Texas Instruments TMS320VC5416 Datasheet HTML 55Page - Texas Instruments TMS320VC5416 Datasheet HTML 56Page - Texas Instruments TMS320VC5416 Datasheet HTML 57Page - Texas Instruments TMS320VC5416 Datasheet HTML 58Page - Texas Instruments TMS320VC5416 Datasheet HTML 59Page - Texas Instruments TMS320VC5416 Datasheet HTML 60Page - Texas Instruments TMS320VC5416 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
5.4
Clock Options
5.4.1
Divide-By-Two and Divide-By-Four Clock Options
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
The frequency of the reference clock provided at the CLKIN pin can be divided by a factor of two or four or
multiplied by one of several values to generate the internal machine cycle.
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of two or four to
generate the internal machine cycle. The selection of the clock mode is described in Section 3.10.
When an external clock source is used, the frequency injected must conform to specifications listed in Table 5-3.
An external frequency source can be used by applying an input clock to X2/CLKIN with X1 left unconnected.
Table 5-2 shows the configuration options for the CLKMD pins that generate the external divide-by-2 or
divide-by-4 clock option. Table 5-3 and Table 5-4 assume testing over recommended operating conditions and
H = 0.5tc(CO) (see Figure 5-3).
Table 5-2. Clock Mode Pin Settings for the Divide-By-2 and By Divide-By-4 Clock Options
CLKMD1
CLKMD2
CLKMD3
Clock Mode
0
0
0
1/2, PLL disabled
1
0
1
1/4, PLL disabled
1
1
1
1/2, PLL disabled
Table 5-3. Divide-By-2 and Divide-By-4 Clock Options Timing Requirements
5416-120
5416-160
Unit
MIN
MAX
tc(CI)
Cycle time, X2/CLKIN
20
ns
tf(CI)
Fall time, X2/CLKIN
4
ns
tr(CI)
Rise time, X2/CLKIN
4
ns
tw(CIL)
Pulse duration, X2/CLKIN low
4
ns
tw(CIH)
Pulse duration, X2/CLKIN high
4
ns
Table 5-4. Divide-By-2 and Divide-By-4 Clock Options Switching Characteristics
5416-120
5416-160
PARAMETER
Unit
MIN
TYP
MAX
MIN
TYP
MAX
tc(CO)
Cycle time, CLKOUT
8.33(1)
(2)
6.25(1)
(2)
ns
td(CIH-CO)
Delay time, X2/CLKIN high to CLKOUT high/low
4
7
11
4
7
11
ns
tf(CO)
Fall time, CLKOUT
1
1
ns
tr(CO)
Rise time, CLKOUT
1
1
ns
tw(COL)
Pulse duration, CLKOUT low
H – 2
H
H + 1
H – 2
H
H + 1
ns
tw(COH)
Pulse duration, CLKOUT high
H – 2
H
H + 1
H – 2
H
H + 1
ns
(1)
It is recommended that the PLL clocking operation be used for maximum frequency operation.
(2)
This device utilizes a fully static design and therefore can operate with tc(Cl) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
Submit Documentation Feedback
Electrical Specifications
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com