Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5416 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 52Page - Texas Instruments TMS320VC5416 Datasheet HTML 53Page - Texas Instruments TMS320VC5416 Datasheet HTML 54Page - Texas Instruments TMS320VC5416 Datasheet HTML 55Page - Texas Instruments TMS320VC5416 Datasheet HTML 56Page - Texas Instruments TMS320VC5416 Datasheet HTML 57Page - Texas Instruments TMS320VC5416 Datasheet HTML 58Page - Texas Instruments TMS320VC5416 Datasheet HTML 59Page - Texas Instruments TMS320VC5416 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
5.3.3 Internal Oscillator With External Crystal
C
L
+
C
1C2
(C
1
) C2)
X1
X2/CLKIN
C1
C2
Crystal
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
www.ti.com
The internal oscillator is enabled by selecting the appropriate clock mode at reset (this is
device-dependent; see Section 3.10) and connecting a crystal or ceramic resonator across X1 and
X2/CLKIN. The CPU clock frequency is one-half, one-fourth, or a multiple of the oscillator frequency. The
multiply ratio is determined by the bit settings in the CLKMD register.
The crystal should be in fundamental-mode operation, and parallel resonant, with an effective series
resistance of 30
Ω maximum and power dissipation of 1 mW. The connection of the required circuit,
consisting of the crystal and two load capacitors, is shown in Figure 5-2. The load capacitors, C1 and C2,
should be chosen such that the equation below is satisfied. CL (recommended value of 10 pF) in the
equation is the load specified for the crystal.
Table 5-1. Input Clock Frequency Characteristics
MIN
MAX
Unit
fx
Input clock frequency
10(1)
20(2)
MHz
(1)
This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz
(2)
It is recommended that the PLL multiply by N clocking option be used for maximum frequency operation.
Figure 5-2. Internal Divide-By-Two Clock Option With External Crystal
56
Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com