Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 5 Page - Analog Devices

  AD9261 Datasheet HTML 1Page - Analog Devices AD9261 Datasheet HTML 2Page - Analog Devices AD9261 Datasheet HTML 3Page - Analog Devices AD9261 Datasheet HTML 4Page - Analog Devices AD9261 Datasheet HTML 5Page - Analog Devices AD9261 Datasheet HTML 6Page - Analog Devices AD9261 Datasheet HTML 7Page - Analog Devices AD9261 Datasheet HTML 8Page - Analog Devices AD9261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD9261
Rev. 0 | Page 4 of 28
AC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN = −2.0 dBFS,
unless otherwise noted.
Table 2.
Parameter1
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
81
83
dB
fIN = 4.2 MHz
25°C
83
dB
fIN = 8.4 MHz
25°C
83
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
25°C
13.5
Bits
fIN = 4.2 MHz
25°C
13.5
Bits
fIN = 8.4 MHz
25°C
13.5
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
87
80
dBc
fIN = 4.2 MHz
25°C
87
dBc
fIN = 8.4 MHz
25°C
<120
dBc
NOISE SPECTRAL DENSITY (NSD)
AIN= −2 dBFS
Full
−155
−153
dB/Hz
AIN = −40 dBFS
Full
−156
−154.5
dB/Hz
NOISE FIGURE2
25°C
15
dB
TWO-TONE SFDR
fIN1 = 2.1 MHz at −8 dBFS, fIN2 = 2.4 MHz at −8 dBFS
25°C
93
dBc
fIN1 = 3.6 MHz at −8 dBFS, fIN2 = 4.2 MHz at −8 dBFS
25°C
92.5
dBc
fIN1 = 7.2 MHz at −8 dBFS, fIN2 = 8.4 MHz at −8 dBFS
25°C
92.5
dBc
ANALOG INPUT BANDWIDTH
25°C
10
MHz
APERTURE JITTER
25°C
1
ps rms
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Noise figure with respect to 50 Ω. AD9261 internal impedance is 1000 Ω differential. See the AN-835 Application Note for a definition.
DIGITAL DECIMATION FILTERING CHARACTERISTICS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, AIN = −2.0 dBFS, unless otherwise noted.
Table 3.
2.5 MHz BW
5 MHZ BW
10 MHz BW
Parameter1
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Pass-Band Transition
2.5
3.75
5
6.5
10
13
MHz
Pass-Band Ripple
<0.1
<0.1
<0.1
dB
Stop Band
3.75 MHz − fS/2
6.5 MHz − fS/2
13 MHz − fS/2
MHz
Stop Band Attenuation
>85
>85
>85
dB
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com