Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9261 Datasheet HTML 6Page - Analog Devices AD9261 Datasheet HTML 7Page - Analog Devices AD9261 Datasheet HTML 8Page - Analog Devices AD9261 Datasheet HTML 9Page - Analog Devices AD9261 Datasheet HTML 10Page - Analog Devices AD9261 Datasheet HTML 11Page - Analog Devices AD9261 Datasheet HTML 12Page - Analog Devices AD9261 Datasheet HTML 13Page - Analog Devices AD9261 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD9261
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
All power supplies set to 1.8 V, 640 MHz sample rate, 2 V p-p differential input, 0.5 V internal reference, PLL disabled, AIN = −2.0 dBFS,
TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 2.5MHz
DATA RATE: 40MSPS
fIN: 600kHz AT –2dBFS
SNR: 88.8dB
SFDR: 90dBc
Figure 4. Single-Tone FFT with fIN = 600 kHz and BW = 2.5 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 5MHz
DATA RATE: 40MSPS
fIN: 1.2MHz AT –2dBFS
SNR: 86dB
SFDR: 90.3dBc
Figure 5. Single-Tone FFT with fIN = 1.2 MHz and BW = 5 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 2.5MHz
DATA RATE: 40MSPS
fIN1: 2.1MHz AT –8dBFS
fIN2: 2.5MHz AT –8dBFS
SFDR: 90.6dBc
Figure 6. Two-Tone FFT with fIN1 = 2.1 MHz, fIN2 = 2.5 MHz, and BW = 2.5 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 5MHz
DATA RATE: 40MSPS
fIN1: 2.1MHz AT –8dBFS
fIN2: 2.4MHz AT –8dBFS
SFDR: 91.9dBc
Figure 7. Two-Tone FFT with fIN1 = 2.1 MHz, fIN2 = 2.4 MHz and BW = 5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com