Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 1 Page - Analog Devices

  AD9261 Datasheet HTML 1Page - Analog Devices AD9261 Datasheet HTML 2Page - Analog Devices AD9261 Datasheet HTML 3Page - Analog Devices AD9261 Datasheet HTML 4Page - Analog Devices AD9261 Datasheet HTML 5Page - Analog Devices AD9261 Datasheet HTML 6Page - Analog Devices AD9261 Datasheet HTML 7Page - Analog Devices AD9261 Datasheet HTML 8Page - Analog Devices AD9261 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
16-Bit, 10 MHz Bandwidth, 30 MSPS to
160 MSPS Continuous Time Sigma-Delta ADC
AD9261
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
SNR: 83 dB (85 dBFS) to 10 MHz input
SFDR: 87 dBc to 10 MHz input
Noise figure: 15 dB
Input impedance: 1 kΩ
Power: 340 mW
1.8 V analog supply operation
1.8 V to 3.3 V output supply
Selectable bandwidth
2.5 MHz/5 MHz/10 MHz
Output data rate: 30 MSPS to 160 MSPS
Integrated decimation filters
Integrated sample rate converter
On-chip PLL clock multiplier
On-chip voltage reference
Offset binary, Gray code, or twos complement data format
Serial control interface (SPI)
APPLICATIONS
Data acquisition
Automated test equipment
Instrumentation
Medical imaging
FUNCTIONAL BLOCK DIAGRAM
Σ-Δ
MODULATOR
LOW-PASS
DECIMATION
FILTER
VIN+
VIN–
VREF
CFILT
AGND
SDIO SCLK CSB
SAMPLE
RATE
CONVERTER
PHASE
LOCKED
LOOP
CMOS
BUFFER
DGND
AVDD
AD9261
DRVDD
D15
OR
D0
PLL_
LOCKED
CLK–
DCO
SERIAL
INTERFACE
CLK+
Figure 1.
GENERAL DESCRIPTION
The AD9261 is a single 16-bit analog-to-digital converter
(ADC) based on a continuous time (CT) sigma-delta (Σ-Δ)
architecture that achieves 87 dBc of dynamic range over a 10 MHz
input bandwidth. The integrated features and characteristics
unique to the continuous time Σ-Δ architecture significantly
simplify its use and minimize the need for external components.
The AD9261 has a resistive input impedance that relaxes the
requirements of the driver amplifier. In addition, a 32× oversam-
pled fifth-order continuous time loop filter significantly attenuates
out-of-band signals and aliases, reducing the need for external
filters at the input.
An external clock input or the integrated integer-N PLL provides
the 640 MHz internal clock needed for the oversampled conti-
nuous time Σ-Δ modulator. On-chip decimation filters and sample
rate converters reduce the modulator data rate from 640 MSPS to a
user-defined output data rate from 30 MSPS to 160 MSPS,
enabling a more efficient and direct interface.
The digital output data is presented in offset binary, Gray code,
or twos complement format. A data clock output (DCO) is
provided to ensure proper timing with the receiving logic.
The AD9261 operates on a 1.8 V analog supply and a 1.8 V
to 3.3 V digital supply, consuming 340 mW. The AD9261 is
available in a 48-lead LFCSP and is specified over the industrial
temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
Continuous time Σ-Δ architecture efficiently achieves high
dynamic range and wide bandwidth.
2.
Passive input structure reduces or eliminates the require-
ments for a driver amplifier.
3.
An oversampling ratio of 32× and high order loop filter
provide excellent alias rejection reducing or eliminating the
need for antialiasing filters.
4.
An integrated decimation filter, sample rate converter, PLL
clock multiplier, and voltage reference provide ease of use.
5.
This part operates from a single 1.8 V analog power supply
and 1.8 V to 3.3 V output supply.


Similar Part No. - AD9261

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV.B
AD9260 AD-AD9260 Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260AS AD-AD9260AS Datasheet
572Kb / 36P
High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV.B
More results

Similar Description - AD9261

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7723 AD-AD7723 Datasheet
435Kb / 23P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV.0
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
AD9267 AD-AD9267 Datasheet
531Kb / 24P
10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD9262 AD-AD9262 Datasheet
1Mb / 32P
16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
REV. A
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
Rev. A
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
02/23/2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com