Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9261 Datasheet HTML 16Page - Analog Devices AD9261 Datasheet HTML 17Page - Analog Devices AD9261 Datasheet HTML 18Page - Analog Devices AD9261 Datasheet HTML 19Page - Analog Devices AD9261 Datasheet HTML 20Page - Analog Devices AD9261 Datasheet HTML 21Page - Analog Devices AD9261 Datasheet HTML 22Page - Analog Devices AD9261 Datasheet HTML 23Page - Analog Devices AD9261 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD9261
Rev. 0 | Page 19 of 28
Table 13. Low Power Modes
Mode
0x08[1:0]
Analog Circuitry
Clock
Ref
Normal
0x0
On
On
On
Power-Down
0x1
Off
On
On
Standby
0x2
Off
Off
On
Sleep
0x3
Off
Off
Off
DIGITAL ENGINE
Bandwidth Selection
The digital engine (see Figure 46) selects the decimation signal
bandwidth by cascading third-order sinc (sinc3) decimate-by-2
filters. For a 10 MHz signal band, no filters are cascaded; for a
5 MHz signal band, a single filter is used; and for a 2.5 MHz
signal band, the 5 MHz filter is cascaded with a second filter.
Depending on the signal bandwidth, this drops the data rate
into the fixed decimation filter. As a result, lower signal bandwidth
options result in lower power. Bandwidth selection is determined
by setting Register 0x0F[6:5].
Decimation Filters
A fixed frequency low-pass filter is used to define the signal
band. This filter incorporates magnitude equalization for the
droop of the preceding sinc decimation filters and the sinc
filters of the sample rate converter. Table 14 and Table 15 detail
the coefficients for the DEC4 and LPF/EQZ filters. The preceding
sinc decimation filters are a standard sinc filter implementation.
Table 14. DEC4 Filter Coefficients
Coefficient
Number
Coefficient
Coefficient
Number
Coefficient
C0, C22
−21
C6, C16
1121
C1, C21
0
C7, C15
0
C2, C20
122
C8, C14
−2796
C3, C19
0
C9, C13
0
C4, C18
−418
C10, C12
10,184
C5, C17
0
C11
16,384
Table 15. LPF/EQZ Filter Coefficients
Coefficient
Number
Coefficient
Coefficient
Number
Coefficient
C0, C62
17
C16, C46
694
C1, C61
31
C17, C45
−744
C2, C60
−15
C18, C44
−677
C3, C59
−52
C19, C43
1271
C4, C58
36
C20, C42
450
C5, C57
78
C21, C41
−1909
C6, C56
−84
C22, C40
103
C7, C55
−98
C23, C39
2612
C8, C54
170
C24, C38
−1147
C9, C53
97
C25, C37
−3326
C10, C52
−291
C26, C36
3022
C11, C51
−42
C27, C35
4051
C12, C50
441
C28, C34
−6870
C13, C49
−98
C29, C33
−5305
C14, C48
−592
C30, C32
21,141
C15, C47
353
C31
38,956
10MHz
5MHz
2.5MHz
10MHz
5MHz
2.5MHz
DEC01
4
DEC02
SINC3 2
SINC3 2
SINC4 2
SINC4 2
SINC6 2
FIR
HB 2
DEC1
DEC2
DEC3
DEC4
LPF/EQZ
DECIMATION FILTERS
BANDWIDTH SELECTION
HB 2
INT1
HB 2
INT2
SINC5 4
INT3
2
5MHz
2.5MHz
10MHz
SINC5 8
INT4
NCO
SAMPLE RATE CONVERTER
Σ-Δ
OUTPUT
16
DATA
OUTPUT
Figure 46. Digital Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com