Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9261 Datasheet HTML 18Page - Analog Devices AD9261 Datasheet HTML 19Page - Analog Devices AD9261 Datasheet HTML 20Page - Analog Devices AD9261 Datasheet HTML 21Page - Analog Devices AD9261 Datasheet HTML 22Page - Analog Devices AD9261 Datasheet HTML 23Page - Analog Devices AD9261 Datasheet HTML 24Page - Analog Devices AD9261 Datasheet HTML 25Page - Analog Devices AD9261 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD9261
Rev. 0 | Page 21 of 28
01
2
3
4
5
–0.08
–0.04
0
0.04
0.08
FREQUENCY (MHz)
0
102030
40506070
80
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
Figure 48. 5 MHz Signal Bandwidth, 160 MSPS
0.5
1.5
2.5
–0.08
–0.04
0
0.04
0.08
FREQUENCY (MHz)
0
102030
40506070
80
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
Figure 49. 2.5 MHz Signal Bandwidth, 160 MSPS
DIGITAL OUTPUTS
Digital Output Format
The AD9261 offers a variety of digital output formats for ease of
system integration. The digital output consists of 16 data bits and
an output clock signal (DCO) for data latching. The data bits can
be configured for offset binary, twos complement, or Gray code
by writing to Register 0x14[1:0]. In addition, the voltage swing of
the digital outputs can be configured to 3.3 V TTL levels or a
reduced voltage swing of 1.8 V by accessing Register 0x14[7].
When 3.3 V voltage levels are desirable, the DRVDD power
supply must be set to 3.3 V.
Overrange (OR) Condition
The OR pin serves as an indicator for an overrange condition. The
OR pin is triggered by in-band signals that exceed the full-scale
range of the ADC. In addition, the AD9261 possesses out-of-
band gain above 10 MHz; therefore, a large out-of-band signal
may trip an overrange condition.
The OR pin is a synchronous output that is updated at the out-
put data rate. Ideally, OR should be latched on the falling edge of
DCO to ensure proper setup-and-hold time. However, because
an overrange condition typically extends well beyond one clock
cycle—that is, it does not toggle at the DCO rate—data can
usually be successfully detected on the rising edge of DCO or
monitored asynchronously.
The AD9261 has two trip points that can trigger an overrange
condition: analog and digital. The analog trip point is located
in the modulator, and the second trip point is in the digital
engine. In normal operation, it is possible for the analog trip
point to toggle the OR pin for a number of clock cycles as the
analog input approaches full scale. Because the OR pin is a pulse-
width modulated (PWM) signal, as the analog input increases
in amplitude, the duration of overrange pin toggling increases.
Eventually, when the OR pin is high for an extended period of
time, the ADC is overloaded, and there is little correspondence
between analog input and digital output.
The second trip point is in the digital block. If the input signal
is large enough to cause the data bits to clip to the maximum
full-scale level, an overrange condition occurs. The overrange
trip point can be adjusted by specifying a threshold level.
Table 19 shows the corresponding threshold level in dBFS vs.
register setting. If the input signal crosses this level, the OR pin
is set. In the case where 0x111[5:0] is set to all 0s, the threshold
level is set to the maximum code of 32,76710. This feature
provides a means of reporting the instantaneous amplitude as it
crosses a user-provided threshold. This gives the user a sense
for the signal level without needing to perform a full power
measurement.
The user has the ability to select how the overrange conditions
are reported, and this is controlled through Register 0x111 via
AUTORST, OR_IND, and ORTHRESH (see Table 20). By
enabling the AUTORST bit, Register 0x111[7], if an overrange
occurs, the ADC automatically resets itself. The OR pin remains
high until the automatic reset has completed. If an analog trip
occurs, the modulator resets itself after 16 consecutive clock
cycles of overrange.
If the AD9261 is used in a system that incorporates automatic
gain control (AGC), the OR signal can be used to indicate that
the signal amplitude should be reduced. This may be particularly
effective for use in maximizing the signal dynamic range if the
signal includes high occurrence components that occasionally
exceed full scale by a small amount.
TIMING
The AD9261 provides a data clock out (DCO) pin to assist
in capturing the data in an external register. The data outputs
are valid on the rising edge of DCO, unless changed by setting
Register 0x16[7]. See Figure 2 for a graphical timing description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com