Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9261 Datasheet HTML 21Page - Analog Devices AD9261 Datasheet HTML 22Page - Analog Devices AD9261 Datasheet HTML 23Page - Analog Devices AD9261 Datasheet HTML 24Page - Analog Devices AD9261 Datasheet HTML 25Page - Analog Devices AD9261 Datasheet HTML 26Page - Analog Devices AD9261 Datasheet HTML 27Page - Analog Devices AD9261 Datasheet HTML 28Page - Analog Devices AD9261 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AD9261
Rev. 0 | Page 25 of 28
MEMORY MAP
Table 23. Memory Map
Register Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Port Config
0x00
0
LSBFIRST
SOFTRESET
1
1
SOFTRESET
LSBFIRST
0
Chip ID
0x01
CHIPID[7:0]
Chip Grade
0x02
CHILDID[2:0]
Power Modes
0x08
PWRDWN[1:0]
PLLENABLE
0x09
PLLENABLE
PLL
0x0A
PLLLOCKED
PLLAUTO
PLLMULT[5:0]
Analog Input
0x0F
BW[1:0]
Output Modes
0x14
DRVSTD
Interleave
OUTENB
OUTINV
Format[1:0]
Output Adjust
0x15
DRVSTR33[1:0]
DRVSTR18[1:0]
Output Clock
0x16
DCOINV
Reference
0x18
EXTREF
Output Data
0x101
KOUT[5:0]
Overrange
0x111
AUTORST
OR_IND
ORTHRESH[5:0]
MEMORY MAP DEFINITIONS
Table 24. Memory Map Definitions
Register
Address
Bit(s)
Mnemonic
Default
Description
SPI Port Config
0x00
6, 1
LSBFIRST
0
0: serial interface uses MSB first format
1: serial interface uses LSB first format
5, 2
SOFTRESET
0
1: default all serial registers except 0x00, 0x09, and 0x0A
Chip ID
0x01
[7:0]
CHIPID
0x26
0x26: AD9261
Chip Grade
0x02
[5:4]
CHILDID
0
0x00: 10 MHz bandwidth
Power Modes
0x08
[1:0]
PWRDWN
0
0x0: normal operation
0x1: power-down (local)
0x2: standby (everything except reference circuits)
0x3: sleep
PLLENABLE
0x09
2
PLLENABLE
0
1: enable PLL
PLL
0x0A
7
PLLLOCKED
0
0: PLL is not locked
1: PLL is locked
6
PLLAUTO
0
1: PLL autoband enabled
[5:0]
PLLMULT
0
See Table 10
Analog Input
0x0F
[6:5]
BW
0
0x0: 10 MHz
0x1: 5 MHz
0x2: 2.5 MHz
0x3: 10 MHz
Output Modes
0x14
7
DRVSTD
0
0: 3.3 V
1: 1.8 V
5
Interleave
0
1: interleave both channels onto D[15:0]
4
OUTENB
0
1: data outputs tristated
2
OUTINV
0
1: data outputs bitwise inverted
[1:0]
Format
0
0: offset binary
1: twos complement
2: Gray code
3: offset binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com