Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9261 Datasheet HTML 12Page - Analog Devices AD9261 Datasheet HTML 13Page - Analog Devices AD9261 Datasheet HTML 14Page - Analog Devices AD9261 Datasheet HTML 15Page - Analog Devices AD9261 Datasheet HTML 16Page - Analog Devices AD9261 Datasheet HTML 17Page - Analog Devices AD9261 Datasheet HTML 18Page - Analog Devices AD9261 Datasheet HTML 19Page - Analog Devices AD9261 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD9261
Rev. 0 | Page 15 of 28
Input Common Mode
The analog inputs of the AD9261 are not internally dc biased. In
ac-coupled applications, the user must provide this bias externally.
Setting the device such that VCM = AVDD is recommended for
optimum performance. The analog inputs are 500 Ω resistors,
and the internal reference loop aims to develop 0.5 V across
each input resistor (see Figure 36). With 0 V differential input,
the driver sources 1 mA into each analog input.
TO LOOP FILTER
STAGE 2
DAC
AVDD – 0.5V
500
Ω
500
Ω
VIN+
VIN–
FROM QUANTIZER
VCM =AVDD
VIN p-p = 2V
Figure 36. Input Common Mode
Differential Input Configurations
The AD9261 can also be configured for differential inputs. The
ADA4937-1 differential driver provides excellent performance
and a flexible interface to the ADC. The output common-mode
voltage of the ADA4937-1 is easily set by connecting AVDD to
the VOCM pin of the ADA4937-1 (see Figure 37). The noise and
linearity of the ADA4937-1 needs important consideration because
the system performance may be limited by the ADA4937-1.
9
2
3
11
10
8
15
200
Ω
200
Ω
200
Ω
60.4
Ω
49.9
Ω
50
Ω
SIGNAL
SOURCE
2V p-p
RT
60.4
Ω
VS
VIN–
VIN+
0.1µF
0.1µF
0.1µF
0.1µF
+5V
AVDD
–5V
+1.8V
ADA4937-1
AD9261
VOCM
Figure 37. Differential Input Configuration Using the ADA4937-1
For frequencies offset from dc, where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 38. The center
tap of the secondary winding of the transformer is connected to
AVDD to bias the analog input.
The signal characteristics must be considered when selecting a
transformer. Most RF transformers saturate at frequencies
below a couple of megahertz (MHz), and excessive signal power
can cause core saturation, which leads to distortion.
50
Ω
SIGNAL
SOURCE
2V p-p
1:1
RT
50
Ω
VS
VIN–
VIN+
0.1µF
AVDD
AD9261
Figure 38. Differential Transformer Configuration
Voltage Reference
A stable and accurate 0.5 V voltage reference is built into the
AD9261. The reference voltage should be decoupled to minimize
the noise bandwidth using a 10 μF capacitor. The reference is
used to generate a bias current into a matched resistor such that,
when used to bias the current in the feedback DAC, a voltage
of AVDD − 0.5 V is developed at the internal side of the input
resistors (see Figure 39). The current bias circuit should also be
decoupled on the CFILT pin with a 10 μF capacitor. For this
reason, the VREF voltage should always be 0.5 V.
AVDD
AVDD – 0.5V
CFILT
AVDD – 0.5V
500
Ω
TO LOOP
FILTER
STAGE 2
500
Ω
VIN+
VCM =AVDD
VIN p-p = 2V
VIN–
500
Ω
10k
Ω
10µF
0.5V
VREF
10µF
REF
Figure 39. Voltage Reference Loop
Internal Reference Connection
To minimize thermal noise, the internal reference on the AD9261
is an unbuffered 0.5 V. It has an internal 10 kΩ series resistor,
which, when externally decoupled with a 10 μF capacitor, limits
the noise (see Figure 40). The unbuffered reference should not
be used to drive any external circuitry. The internal reference is
used by default.
10k
Ω
2.85k
Ω
8.5k
Ω
3.5k
Ω
0.5V
TO CURRENT
GENERATOR
10µF
Figure 40. Internal Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com