Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9261 Datasheet HTML 20Page - Analog Devices AD9261 Datasheet HTML 21Page - Analog Devices AD9261 Datasheet HTML 22Page - Analog Devices AD9261 Datasheet HTML 23Page - Analog Devices AD9261 Datasheet HTML 24Page - Analog Devices AD9261 Datasheet HTML 25Page - Analog Devices AD9261 Datasheet HTML 26Page - Analog Devices AD9261 Datasheet HTML 27Page - Analog Devices AD9261 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD9261
Rev. 0 | Page 23 of 28
SERIAL PORT INTERFACE (SPI)
The AD9261 serial port interface (SPI) allows the user to configure
the converter for specific functions or operations through a
structured register space provided inside the ADC. This provides
the user added flexibility and customization depending on the
application. Addresses are accessed via the serial port and can
be written to or read from via the port. Memory is organized
into bytes that are further divided into fields, as documented in
the Memory Map section. For detailed operational information,
see the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI.
CONFIGURATION USING THE SPI
As summarized in Table 21, three pins define the SPI of this ADC.
The SCLK pin synchronizes the read and write data presented
to the ADC. The SDIO pin allows data to be sent and read from
the internal ADC memory map registers. The CSB pin is an active
low control that enables or disables the read and write cycles.
Table 21. Serial Port Interface Pins
Pin Name
Description
SCLK
SCLK (serial clock) is the serial shift clock. SCLK
synchronizes serial interface reads and writes.
SDIO
SDIO (serial data input/output) is an input and
output depending on the instruction being sent
and the relative position in the timing frame.
CSB
CSB (chip select bar) is an active low control that
gates the read and write cycles.
The falling edge of CSB in conjunction with the rising edge of
SCLK determines the start of the framing. Figure 50 and Table 22
provide an example of the serial timing and its definitions.
Other modes involving CSB are available. CSB can be held low
indefinitely to permanently enable the device (this is called
streaming). CSB can stall high between bytes to allow for addi-
tional external timing. When CSB is tied high, SPI functions are
placed in a high impedance mode.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase and the length is determined
by the W0 bit and the W1 bit. All data is composed of 8-bit words.
The first bit of each individual byte of serial data indicates whether
a read or write command is issued. This allows the serial data
input/output (SDIO) pin to change direction from an input to
an output.
In addition to word length, the instruction phase determines if
the serial frame is a read or write operation, allowing the serial
port to be used to both program the chip as well as to read the
contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the serial data input/
output (SDIO) pin to change direction from an input to an output
at the appropriate point in the serial frame.
Data can be sent in MSB-first or in LSB-first mode. MSB first is
the default setting on power-up and can be changed via the
configuration register. For more information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
Table 22. SPI Timing Diagram Specifications
Parameter
Description
tSDS
Setup time between data and rising edge of SCLK
tSDH
Hold time between data and rising edge of SCLK
tSCLK
Period of the clock
tSS
Setup time between CSB and SCLK
tSH
Hold time between CSB and SCLK
tSHIGH
Minimum period that SCLK should be in a logic
high state
tSLOW
Minimum period that SCLK should be in a logic
low state
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tSS
tSDH
tSHIGH
tSCLK
tSLOW
tSDS
tSH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 50. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com