Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9261 Datasheet HTML 8Page - Analog Devices AD9261 Datasheet HTML 9Page - Analog Devices AD9261 Datasheet HTML 10Page - Analog Devices AD9261 Datasheet HTML 11Page - Analog Devices AD9261 Datasheet HTML 12Page - Analog Devices AD9261 Datasheet HTML 13Page - Analog Devices AD9261 Datasheet HTML 14Page - Analog Devices AD9261 Datasheet HTML 15Page - Analog Devices AD9261 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AD9261
Rev. 0 | Page 11 of 28
120
100
80
60
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dB)
SNR (dB)
Figure 14. Single-Tone SNR and SFDR vs. Input Amplitude with fIN = 2.4 MHz
–40
–60
–50
–70
–80
–90
–100
–110
–120
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dB)
Figure 15. Two-Tone SFDR/IMD3 vs. Input Amplitude
with fIN1 = 2.1 MHz and fIN2 = 2.4 MHz
94
92
90
88
86
84
82
80
20
40
60
80
100
120
140
160
OUTPUT DATA RATE (MSPS)
SFDR (dBc)
SNR (dBc)
Figure 16: SNR/SFDR vs. Output Data Rate with fIN = 2.4 MHz
110
105
100
95
90
85
80
01
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
SFDR (dBc)
SNR (dB)
Figure 17. SNR/SFDR vs. Input Frequency
92
91
SNR
SFDR
90
89
88
87
86
85
84
83
82
81
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
1.9V
1.8V
1.7V
1.9V
1.8V
1.7V
Figure 18. SFDR/SNR vs. Temperature with fIN = 2.4 MHz
84.0
83.8
83.6
83.4
83.2
83.0
82.8
82.6
82.4
82.2
82.0
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
COMMON-MODE VOLTAGE (V)
Figure 19. SNR vs. Input Common Mode Voltage with fIN = 2.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com