Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9261 Datasheet HTML 19Page - Analog Devices AD9261 Datasheet HTML 20Page - Analog Devices AD9261 Datasheet HTML 21Page - Analog Devices AD9261 Datasheet HTML 22Page - Analog Devices AD9261 Datasheet HTML 23Page - Analog Devices AD9261 Datasheet HTML 24Page - Analog Devices AD9261 Datasheet HTML 25Page - Analog Devices AD9261 Datasheet HTML 26Page - Analog Devices AD9261 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD9261
Rev. 0 | Page 22 of 28
Table 19. OR Threshold Levels
0x111[5:0]
Threshold (dBFS)
0x111[5:0]
Threshold (dBFS)
0x111[5:0]
Threshold (dBFS)
1
−36.12
16
−9.28
2B
−3.45
2
−30.10
17
−8.89
2C
−3.25
3
−26.58
18
−8.52
2D
−3.06
4
−24.08
19
−8.16
2E
−2.87
5
−22.14
1A
−7.82
2F
−2.68
6
−20.56
1B
−7.50
30
−2.50
7
−19.22
1C
−7.18
31
−2.32
8
−18.06
1D
−6.88
32
−2.14
9
−17.04
1E
−6.58
33
−1.97
A
−16.12
1F
−6.30
34
−1.80
B
−15.29
20
−6.02
35
−1.64
C
−14.54
21
−5.75
36
−1.48
D
−13.84
22
−5.49
37
−1.32
E
−13.20
23
−5.24
38
−1.16
F
−12.60
24
−5.00
39
−1.00
10
−12.04
25
−4.76
3A
−0.86
11
−11.51
26
−4.53
3B
−0.71
12
−11.02
27
−4.30
3C
−0.56
13
−10.56
28
−4.08
3D
−0.42
14
−10.10
29
−3.87
3E
−0.28
15
−9.68
2A
−3.66
3F
−0.14
Table 20. OR Conditions
OR Conditions
AUTORST
OR_IND
ORTHRESH[5:0]
ORTHRESH[4:0]
Description
Normal, Reset Off
0
0
0
00000
Digital trip: if 16-bit output > 32,767, OR = 1, else OR = 0
Digital Threshold,
Reset Off
0
0
>0
Digital threshold: If 16-bit output > ORTHRESH, OR = 1,
else OR = 0
Full Overrange,
Reset Off
0
1
0
X1
If analog trip or digital trip, OR = 1, else OR = 0
Data Valid, No Reset
0
1
1
X1
If analog trip or digital trip or calibration, OR = 0, else OR = 1
Normal, Reset On
1
0
0
00000
Digital trip: if 16-bit output > 32,767, OR = 1, else OR = 0
Digital Threshold,
Reset On
1
0
>0
Digital threshold: if 16-bit output > ORTHRESH, OR = 1,
else OR = 0
Full Overrange,
Reset On
1
1
0
X1
If analog trip or digital trip, OR = 1, else OR = 0
Data Valid,
Reset On
1
1
1
X1
If analog trip or digital trip or calibration, OR = 0 else OR = 1
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com