Electronic Components Datasheet Search
  English  ▼

X  

AD9261 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9261
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9261 Datasheet HTML 14Page - Analog Devices AD9261 Datasheet HTML 15Page - Analog Devices AD9261 Datasheet HTML 16Page - Analog Devices AD9261 Datasheet HTML 17Page - Analog Devices AD9261 Datasheet HTML 18Page - Analog Devices AD9261 Datasheet HTML 19Page - Analog Devices AD9261 Datasheet HTML 20Page - Analog Devices AD9261 Datasheet HTML 21Page - Analog Devices AD9261 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD9261
Rev. 0 | Page 17 of 28
Internal PLL Clock Distribution
The alternative clocking option available on the AD9261 is to apply
a low frequency reference clock and use the on-chip clock multip-
lier to generate the high frequency fMOD rate. The internal clock
architecture is shown in Figure 45.
PHASE
DETECTOR
DIVIDER
PLL MULT
0x0A[5:0]
CLK+/CLK–
MODULATOR
CLOCK
640MSPS
PLLENABLE
0x09[2]
÷N
LOOP
FILTER
1.28GHz
VCO
PLL
÷2
Figure 45. Internal Clock Architecture
The clock multiplication circuit operates such that the VCO
outputs a frequency, fVCO, equal to the reference clock input
multiplied by N
fVCO = (CLK±) × (N)
where N is the PLL multiplication (PLLMULT) factor.
The Σ-Δ modulator clock frequency, fMOD, is equal to
fMOD = fVCO ÷ 2
The reference clock, CLK±, is limited to 30 MHz to 160 MHz
when configured to use the on-chip clock multiplier. Given the
input range of the reference clock and the available multiplication
factors, the fVCO is approximately 1280 MHz. This results in the
desired fMOD rate of 640 MHz with a 50% duty cycle.
Before the PLL enable (PLLENABLE) register bit is set, the PLL
multiplication factor should be programmed into Register
0x0A[5:0]. After setting the PLLENABLE bit, the PLL locks and
reports a locked state in Register 0x0A[7]. If the PLL multiplica-
tion factor is changed, the PLL enable bit should be reset and set
again. Some common clock multiplication factors are shown in
Table 11.
The recommended sequence for enabling and programming the
on-chip clock multiplier is summarized in Table 9.
Table 9. Sequence for Enabling and Programming the PLL
Step
Procedure
1
Apply a reference clock to the CLK± pins.
2
Program the PLL multiplication factor in
Register 0x0A[5:0]. See Table 10.
3
Enable the PLL; Register 0x09 = 04 (decimal).
4
Enable the PLL autoband select.
5
Initiate an SRC reset; Register 0x101[5:0] = 0.
6
Set SRC to the desired value via Register 0x101[5:0].
Table 10. Internal PLL Multiplication Factors
0x0A[5:0]
PLLMULT (N)
0x0A[5:0]
PLLMULT (N)
1
8
33
32
2
8
34
34
3
8
35
34
4
8
36
34
5
8
37
34
6
8
38
34
7
8
39
34
8
8
40
34
9
9
41
34
10
10
42
42
11
10
43
42
12
12
44
42
13
12
45
42
14
14
46
42
15
15
47
42
16
16
48
42
17
17
49
42
18
18
50
42
19
18
51
42
20
20
52
42
21
21
53
42
22
21
54
42
23
21
55
42
24
24
56
42
25
25
57
42
26
25
58
42
27
25
59
42
28
28
60
42
29
28
61
42
30
30
62
42
31
30
63
42
32
32
64
42
External PLL Control
At power-up, the serial interface is disabled until the first serial
port access. If the serial interface is disabled, the PLLMULTx
pins control the PLL multiplication factor. The five PLLMULTx
pins (Pin 32 to Pin 36) offer all the available multiplication
factors. If all PLLMULTx pins are tied high, the PLL is disabled
and the AD9261 assumes the high frequency modulator clock
rate that is applied to the CLK± pins. Table 12 shows the relation-
ship between PLLMULTx pins and the PLL multiplication factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com