Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 16Page - Texas Instruments TLFD600 Datasheet HTML 17Page - Texas Instruments TLFD600 Datasheet HTML 18Page - Texas Instruments TLFD600 Datasheet HTML 19Page - Texas Instruments TLFD600 Datasheet HTML 20Page - Texas Instruments TLFD600 Datasheet HTML 21Page - Texas Instruments TLFD600 Datasheet HTML 22Page - Texas Instruments TLFD600 Datasheet HTML 23Page - Texas Instruments TLFD600 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, analog power supplies = 3.3 V, digital power supplies = 3.3 V,
AVDD_DRIVER = 12 V, fCLKIN = 35.328 MHz (unless otherwise noted)
RX channel
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-pass
FMR [D2] = 1
162
168
174
Signal bandwidth
g
filter
FMR [D2] = 0
174
180
186
kHz
Signal bandwidth
Low pass filter
G.lite mode
552
kHz
Low-pass filter
Full rate mode
1104
G.lite mode
1.
4.3125 kHz spaced tones from 138 – 552 kHz
2.
422.625 kHz tone is missing
60
Missing tone power ratio (MTPR)
Full rate mode
1.
4.3125 kHz spaced tones from 138 –
1104 kHz
2.
422.625 kHz tone is missing
60
dB
Group delay distortion
G.lite or full rate mode
10
µs
CPGA
–0.5
0.5
Gain step error
PGA2
G.lite or full rate mode
–0.5
0.5
dB
PGA3
–0.5
0.5
PSRR
G.lite mode
See Note 2
–70
dB
PSRR
Full rate mode
See Note 2
–70
dB
G.lite mode
CPGA
21 dB PGA2
30 dB PGA3
9 dB
–150
Input reference noise floor
Full rate mode
CPGA = 21 dB, PGA2 = 30 dB, PGA3 = 9 dB,
Equalizer = 0 dB
–150
dBm/Hz
CMRR
G.lite and Full Rate Mode
60
dB
NOTE 2: Inject single tone signal (267.375 kHz) at 200 mVp-p to analog power supplies and measure 267.375 kHz tones at RX output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com