Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 12Page - Texas Instruments TLFD600 Datasheet HTML 13Page - Texas Instruments TLFD600 Datasheet HTML 14Page - Texas Instruments TLFD600 Datasheet HTML 15Page - Texas Instruments TLFD600 Datasheet HTML 16Page - Texas Instruments TLFD600 Datasheet HTML 17Page - Texas Instruments TLFD600 Datasheet HTML 18Page - Texas Instruments TLFD600 Datasheet HTML 19Page - Texas Instruments TLFD600 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DPLL description (continued)
The position of the first jittering SCLK cycle is calculated by using the following equation:
(NCO_DIV_DLY [7 : 0]
) 1)
16
) 7
The following jittering SCLKs will separate by 16 SCLK from the first one if NCO_DELTA[3:0] is more than one.
Figures 16 and 17 shows the timing of SCLK at the following setting:
NCO_DELTA [7:4] = – 1
NCO_DELTA [3:0] = 2
NCO_DIV_DELAY = 2
64 SCLKs
16 SCLKs
P
P
P
FSR
FSX
SDR
SCLK
Data
P
P
P
P
P
P
P
P
P
Data
Don’t care
Don’t care
S
P
The 9th SCLK duty cycle change
to 14ns(1) and 7ns(0)
15th
0
Secondary Command Request
Command to Program
NCO_DIV_DELAY
Start counting
Figure 16. DPLL Operation Example (FSR = 552 kHz and FSX = 2208 kHz)
NOTE: The situation will be the same for FSR = 276 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com