Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 29 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 25Page - Texas Instruments TLFD600 Datasheet HTML 26Page - Texas Instruments TLFD600 Datasheet HTML 27Page - Texas Instruments TLFD600 Datasheet HTML 28Page - Texas Instruments TLFD600 Datasheet HTML 29Page - Texas Instruments TLFD600 Datasheet HTML 30Page - Texas Instruments TLFD600 Datasheet HTML 31Page - Texas Instruments TLFD600 Datasheet HTML 32Page - Texas Instruments TLFD600 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PROGRAMMING INFORMATION
Table 12. Mode Selection Table
INPUTS
OUTPUT
MODESEL PIN
(PIN 10)
TOGMOD BIT
(FMR[0])
RESULTANT
MODE
COMMENTS
0
0
Full rate
RX analog and digital LPF at 1104 kHz
0
1
G.lite
RX analog and digital LPF at 552 kHz
1
0
G.lite
RX analog and digital LPF at 552 kHz
1
1
Full rate
RX analog and digital LPF at 1104 kHz
AUXGPRC – auxiliary amplifier and GPR direction control register
Address: 01011b
Contents at reset: 00001100b
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
GPIOC[1]
GPIOC[0]
AMP1EN
AMP2EN
Table 13. AUXGPRC Control Table
BIT NAME
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
Reserved
1
Reserved bit
Reserved
1
Reserved bit
Reserved
1
Reserved bit
Reserved
1
Reserved bit
GPIOC[1]
0
Configure pin GPIO1 as output
GPIOC[1]
1
Configure pin GPIO1 as input
GPIOC[0]
0
Configure pin GPIO0 as output
GPIOC[0]
1
Configure pin GPIO0 as input
AMP1EN
0
Enable on-chip auxiliary amplifier 1
AMP2EN
0
Enable on-chip auxiliary amplifier 2
NCO_DEF – numerically controlled oscillator default value register
Address: 01100b
Contents at reset: 01000000b (64 decimal)
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
NCODEF[6]
NCODEF[5]
NCODEF[4]
NCODEF[3]
NCODEF[2]
NCODEF[1]
NCODEF[0]
NOTE 9: NCO_DEF register should never be written to. It always holds the default value of 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com