Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 2Page - Texas Instruments TLFD600 Datasheet HTML 3Page - Texas Instruments TLFD600 Datasheet HTML 4Page - Texas Instruments TLFD600 Datasheet HTML 5Page - Texas Instruments TLFD600 Datasheet HTML 6Page - Texas Instruments TLFD600 Datasheet HTML 7Page - Texas Instruments TLFD600 Datasheet HTML 8Page - Texas Instruments TLFD600 Datasheet HTML 9Page - Texas Instruments TLFD600 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmit channel(continued)
The line driver is also integrated in the TX channel. It helps optimize system components, board size, and cost.
The driver is powered by a 12-V, supply and has a fixed gain of 15.7 dB. This provides a maximum drive of 18.2
Vp-p differential output when the input is 3 Vp-p (maximum input range). Thus, a transformer with 1:2 ratio is
needed for ADSL modem application. The minimum load that the driver can drive is 33
Ω, thus, making the part
coexist with up to 3 HPNA devices connected to the same line.
The line driver has separate input and output pins. This gives flexibility to add additional filters in the transmit
path. The line driver can be powered down by register programming.
The TXOUTP and TXOUTM pins must be ac-coupled to the DRIVERINP and DRIVERINM through 0.1-
µF
capacitors, as the common mode voltage on the pin pairs are different (1.5 Vdc on TXOUTP/M and 6 Vdc on
DRIVERINP/M). They must not be dc-coupled.
receive channel
The receiver channel consists of a coarse programmable gain amplifier (CPGA), analog high-pass and
low-pass filters, two programmable gain amplifiers, ADC, and a digital filter. In addition, it adds an equalizer to
obtain maximum system performance. The receive signal is processed in a fully differential way.
The ADC in the receiver channel is a 4.416-MHz, 14-bit converter. The interface transfer rate is either 1104 kHz
or 2208 kHz, depending on the mode at operation. 1104 kHz is used for G.lite mode, and 2208 kHz is used for
full rate mode. The mode can be selected either by pin 10 (MODESEL) or register programming. The related
cutoff frequency of analog and digital filters is also changed with the mode selection.
The high-pass analog filter is used to reject the near end echo and maximize the dynamic range of the ADC.
The high-pass filter edge is programmable and is controlled by bit D2 of FMR register. D2 = 0 selects a 180-kHz
(
±3.5%) pole, while D2 = 1 selects a 168-kHz (±3.5%) pole.
After the high-pass filtering stage, the receiver channel has two PGAs. A 552-kHz/1104-kHz low-pass filter with
a 25-dB shape equalizer goes after them and antialiases the analog signal before it goes through the ADC. The
RX low pass filter is also designed to reject the out-of-band HPNA signal. Next is a fine gain adjustment PGA
of 0 to 9 dB, in 1-dB steps. All the RX PGAs and equalizer are controlled via the register programming.
External components are required to implement CPGA function. Suggested components and connection are
shown in the Figure 1.
R = 732
Ω
C = 680 pF
R = 732
Ω
C = 680 pF
RXINP
RXINM
Figure 1. External Components for RXINP and RXINM
The configuration of Figure 1 gives the following setting for CPGA: –9dB to 9dB in 6 dB/steps and 9 dB to 30
dB in 3 dB/steps. The CPGA gain range is controlled by external resistors (732
Ω shown in Figure 1). The cut-off
frequency of the HPF is controlled by external resistors (R) and capacitors (C). To keep the cutoff frequency
of the first HPF unchanged, R
× C need to be constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com