Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 4 Page - Texas Instruments

  TLFD600 Datasheet HTML 1Page - Texas Instruments TLFD600 Datasheet HTML 2Page - Texas Instruments TLFD600 Datasheet HTML 3Page - Texas Instruments TLFD600 Datasheet HTML 4Page - Texas Instruments TLFD600 Datasheet HTML 5Page - Texas Instruments TLFD600 Datasheet HTML 6Page - Texas Instruments TLFD600 Datasheet HTML 7Page - Texas Instruments TLFD600 Datasheet HTML 8Page - Texas Instruments TLFD600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AMP1INM
AMP2INM
50
59
I
Auxiliary amplifier 1 and 2 negative input
AMP1INP
AMP2INP
51
58
I
Auxiliary amplifier 1 and 2 positive input
AMP1OUTM
AMP2OUTM
52
57
O
Auxiliary amplifier 1 and 2 negative output
AMP1OUTP
AMP2OUTP
49
60
O
Auxiliary amplifier 1 and 2 positive output
ANA_TST
46
I
External resistor connection input. A 15-k
Ω (±5%) resistor must be connected between
ANA_TST and analog ground.
AVDD_DRIVER
63
I
Analog power supply for TX driver (12 V)
AVDD_REF
45
I
Reference analog supply
AVDD_RX
38, 53
I
RX channel filter analog supply
AVDD_TX
5
I
TX channel analog supply
AVSS_DRIVER
61
I
TX driver analog supply return (analog ground)
AVSS_REF
44
I
Reference analog supply return (analog ground)
AVSS_RX
39, 54
I
RX channel filter analog supply return (analog ground)
AVSS_TX
6
I
TX channel analog supply return (analog ground).
CLK1OUT
27
O
Generates clock of frequency MCLKx4/n, where n is 7 or 9. Value of n is selected by CLK1SEL.
CLK2OUT
28
O
Generates clock of frequency MCLKx4/34.5.
CLK1SEL
20
I
Selects whether n = 7 or 9 for CLK1OUT. For CLK1SEL = 0, n = 6.
CLKOUT_EN
21
I
Enable CLK1OUT and CLK2OUT when CLKOUT_EN is high. The default state of
CLKOUT_EN is low.
COMPDAC1
8
I
TX channel decoupling cap input A. Add a 1-
µF ceramic capacitor to analog power supply.
COMPDAC2
9
I
TX channel decoupling cap input B. Add a 1-
µF ceramic capacitor to analog power supply.
DRIVERINM
2
I
TX channel driver negative input. A 0.1-
µF capacitor is needed when it connects to TXOUTM.
DRIVERINP
1
I
TX channel driver positive input. A 0.1-
µF capacitor is needed when it connects to TXOUTP.
DRIVEROUTM
62
O
TX channel driver negative output
DRIVEROUTP
64
O
TX channel driver positive output
DVDD
22
I
Digital power supply
DVDD_IO
18
I
Power supply for digital I/O buffer
DVDD_RX
30
I
RX channel digital power supply
DVSS
23, 24, 37
I
Digital ground
DVSS_IO
19
I
Digital I/O buffer supply return (digital ground)
DVSS_RX
31
I
RX channel digital supply return (digital ground)
FSX
16
O
Serial port frame sync transmit signal
FSR
15
O
Serial port frame sync receive signal
GPIO0
GPIO1
29
32
I/O
General-purpose I/O
GPO2 – 5
33 – 36
O
General-purpose output
MCLKIN/PLLCLKIN
25
I
Master clock input for normal mode (use off-chip VCXO) and DPLL (use fix input clock and
change clock phase by control register) mode. The required input clock frequency is
35.328 MHz
±50 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com