Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 18Page - Texas Instruments TLFD600 Datasheet HTML 19Page - Texas Instruments TLFD600 Datasheet HTML 20Page - Texas Instruments TLFD600 Datasheet HTML 21Page - Texas Instruments TLFD600 Datasheet HTML 22Page - Texas Instruments TLFD600 Datasheet HTML 23Page - Texas Instruments TLFD600 Datasheet HTML 24Page - Texas Instruments TLFD600 Datasheet HTML 25Page - Texas Instruments TLFD600 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, analog power supplies = 3.3 V, digital power supplies = 3.3 V,
AVDD_DRIVER = 12 V, fCLKIN = 35.328 MHz (unless otherwise noted) (continued)
reference voltage
PARAMETER
MIN
TYP
MAX
UNIT
REFP
2.4
2.5
2.6
V
TXBANDGAP, RXBANDGAP
1.4
1.5
1.6
V
REFM
0.4
0.5
0.6
V
VMID_ADC
1.47
V
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
serial port (see Figures 18 and 19)
PARAMETER
MIN
TYP
MAX
UNIT
td(1)
Delay time, FSX goes high after SCLK
↑
4
ns
td(2)
Delay time, FSX goes low after SCLK
↑
4
ns
td(3)
Delay time, SDX valid after SCLK
↑
4
ns
td(4)
Delay time, FSR goes high after SCLK
↑
4
ns
td(5)
Delay time, FSR goes low after SCLK
↑
4
ns
tsu
Set up time, SDR ready before SCLK
↑
6
ns
th
Hold time, SDR keep active after SCLK
↑
2
ns
FSX
(Output)
SCLK
(Output)
SDX
(Ouput)
td(1)
td(2)
td(3)
Figure 18. Serial Interface Timing (TX Channel)
FSR
(Output)
SCLK
(Output)
SDR
(Input)
t(su)
td(4)
td(5)
th
Figure 19. Serial Interface Timing (RX Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com