Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 28Page - Texas Instruments TLFD600 Datasheet HTML 29Page - Texas Instruments TLFD600 Datasheet HTML 30Page - Texas Instruments TLFD600 Datasheet HTML 31Page - Texas Instruments TLFD600 Datasheet HTML 32Page - Texas Instruments TLFD600 Datasheet HTML 33Page - Texas Instruments TLFD600 Datasheet HTML 34Page - Texas Instruments TLFD600 Datasheet HTML 35Page - Texas Instruments TLFD600 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PAP (S-PQFP-G64)
PowerPAD
 PLASTIC QUAD FLATPACK
Thermal Pad
(See Note D)
0,13 NOM
0,25
0,45
0,75
Seating Plane
4147702/A 01/98
Gage Plane
0,17
0,27
33
16
48
1
7,50 TYP
49
64
SQ
9,80
1,05
0,95
11,80
12,20
1,20 MAX
10,20
SQ
17
32
0,08
0,50
M
0,08
0
°–7°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com