Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 11Page - Texas Instruments TLFD600 Datasheet HTML 12Page - Texas Instruments TLFD600 Datasheet HTML 13Page - Texas Instruments TLFD600 Datasheet HTML 14Page - Texas Instruments TLFD600 Datasheet HTML 15Page - Texas Instruments TLFD600 Datasheet HTML 16Page - Texas Instruments TLFD600 Datasheet HTML 17Page - Texas Instruments TLFD600 Datasheet HTML 18Page - Texas Instruments TLFD600 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power down
Both hardware and software power-down modes are provided. Some function blocks can be powered down
individually according to the control register setting. A logic-zero on the PWRDWN pin will completely shut down
the codec.
device initialization time
RESET must be held at least 20
µs after power up. To reset the reference circuit and registers requires 100 ms.
When the chip is woken up from hardware power-down mode, it takes 100 ms to reset the reference circuit
before the chip works in normal mode. When the chip is woken up from software power-down mode, only 20
µs
is needed before valid data comes out (reference must be kept on). Register values will not change in either
wake-up operation.
DPLL description
As an alternative to the VCXODAC and VCXO, an off-chip crystal oscillator (XO) followed by an on-chip digital
PLL is also implemented. See Figure 15 for the internal functional block diagram. The input clock (35.328 MHz)
goes to a programmable frequency-divider to generate the sampling clock for the ADC and DAC. By changing
the divide ratio, the phase of sampling clock for ADC and DAC channels can be adjusted. therefore, setting the
PLLSEL (pin 26) high to enable the DPLL mode.
The default value of register NCO_DEF is 64, and it can only be changed internally. With the 35.328-MHz input
clock, the output frequency of PLL is 4 x 35.328 = 141.312 MHz. To obtain an ADC clock (ADCCLK) of 4.416
MHz, the divide ratio (controlled by register NCO_DEF and NCO_DELTA) needs to be 32. Increasing or
decreasing this ratio (for example, 32.5 or 31.5) temporally can effect the phase of 4.416-MHz sampling clock.
See the following example for details.
+
PLL (X4)
NCO_DEF
×2
NCO_DIV_DELAY
NCO_DELTA
[7:4]
NCO_DELTA
[3:0]
MCLKIN/
PLLCLKIN
Clock to
Converter
Figure 15. DPLL Internal Functional Block Diagram
Example: MCLKIN/PLLCLKIN = 35.328 MHz. With NCO_DEF defaults at 64, 4.416-MHz clock is provided to
the ADC converter by the following equation:
4.416
+ 35.328
4
64
2
If NCO_DELTA [7:4] is set to – 1, NCO_DELTA [3:0] is set to 3, and NCO_DIV_DLY is set to 2 (NCO_DIV_DLY
should be the last register to be programmed), the internal divider will change to 63 three times. The change
of the internal ADC clock will be reflected at the 55th, 71st, and 87th SCLK cycles after NCO_DIV_DLY is
programmed. The serial clock normally has a high of 14 ns and a low of 14 ns. The duty cycle of the SCLK
changes to 14 ns / 7 ns (14 ns / 21 ns if NCO_DELTA [7:4] = +1) during those jittering SCLK cycles.
Reprogramming of the register NCO_DIV_DELAY is needed if further adjustment is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com