Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 1 Page - Texas Instruments

  TLFD600 Datasheet HTML 1Page - Texas Instruments TLFD600 Datasheet HTML 2Page - Texas Instruments TLFD600 Datasheet HTML 3Page - Texas Instruments TLFD600 Datasheet HTML 4Page - Texas Instruments TLFD600 Datasheet HTML 5Page - Texas Instruments TLFD600 Datasheet HTML 6Page - Texas Instruments TLFD600 Datasheet HTML 7Page - Texas Instruments TLFD600 Datasheet HTML 8Page - Texas Instruments TLFD600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports Both FDM Full Rate (G.992.1) and
G.lite (G.992.2) ADSL Applications
D Integrated Line Driver for TX and Line
Receiver for RX
D Integrated TX/RX Filter, PGAs, and
Equalizer
D Coexists with HPNA Devices (Version 1.0
and 2.0)
D 14-Bit Integrated A/D and D/A Converters
D 1.104 (G.lite)/2.208 (Full Rate) MHz Update
Rate for the RX Channel
D 276/552 kHz Update Rate for the TX
Channel
D Integrated Voltage Compensated Crystal
Oscillator (VCXO) DAC and Digital
Phase-Lock Loop (DPLL)
D –150 dBm/Hz for Analog Input Referred
Noise Floor
D Direct Single Serial Interface to TIs C5000
or C6000 DSP Families for Both Data and
Control
D Two General-Purpose I/O Pins and Four
General-Purpose Digital Outputs
D Integrated Auxiliary Amplifiers for System
Flexibility
D Software and Hardware Power-Down
Modes
D Power Dissipation
– 1.4 W With Line Driver Across 50-
Ω Load
D Delivering 12.3 dBm Power to the Line
D 3.3-V and 12-V Supply (Line Driver) Power
Supplies
D Industrial Temperature Range (–40°C to
85
°C)
D 64-Pin PAP Package (PowerPAD)
description
The TLFD600PAP is a high-speed, programmable, analog front end for customer premise equipment (CPE)
modems that supports G.lite (G.992.2) and full rate (G.992.1) ADSL applications and incorporates both the
codec and line drivers and receiver. The codec also coexists with home phoneline networking alliance
(HPNA)-devices, with the ability to work together with up to three HPNA devices connected to the same line.
The device performs transmit encoding (D/A conversion), receive decoding (A/D conversion), transmit and
receive filtering functions, receive equalizer, and programmable gain amplifications (PGA). The device also
incorporates a voltage compensated crystal oscillator (VCXO) DAC, DPLL, line driver, and receiver for TX and
RX channels which reduces the number of system components. Two auxiliary amplifiers are provided, on-chip,
for additional onboard filtering and amplification with additional off-chip passive components. The receive
channel has an update rate of 1.104 Msps in the G.lite mode and 2.208 Msps in the full rate mode. The transmit
channel has an update rate of 276 Ksps and 552 Ksps.
A simple serial interface on the digital side reduces system component count. Both data and control share the
same serial port. The interface can connect directly to the TI C6000 and C5000 families of DSP chips.
The device operates using 3.3-V and 12-V supply lines (12 V is used for the on-chip TX line driver) and is
packaged in a single 64-pin PAP (PowerPAD
) package. It is characterized for operation from –40°C to 85°C.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLFD600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
More results

Similar Description - TLFD600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI-SN75155 Datasheet
162Kb / 10P
LINE DRIVER AND RECEIVER
TLV320AD12A TI-TLV320AD12A Datasheet
312Kb / 21P
3.3-V INTEGRATED ADSL CODEC
SN751701 TI-SN751701 Datasheet
237Kb / 14P
LINE DRIVER AND RECEIVER
logo
XFMRS Inc.
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
ADSL LINE DRIVER
logo
Texas Instruments
THS7102 TI1-THS7102 Datasheet
163Kb / 10P
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
logo
Wolfson Microelectronic...
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
LINE DRIVER AND RECEIVER
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com