Electronic Components Datasheet Search
  English  ▼

X  

TLFD600 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLFD600
Description  ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD600 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLFD600 Datasheet HTML 10Page - Texas Instruments TLFD600 Datasheet HTML 11Page - Texas Instruments TLFD600 Datasheet HTML 12Page - Texas Instruments TLFD600 Datasheet HTML 13Page - Texas Instruments TLFD600 Datasheet HTML 14Page - Texas Instruments TLFD600 Datasheet HTML 15Page - Texas Instruments TLFD600 Datasheet HTML 16Page - Texas Instruments TLFD600 Datasheet HTML 17Page - Texas Instruments TLFD600 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TLFD600
ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
SLAS280B – MAY 2000 – REVISED NOVEMBER 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
example data transfers (continued)
64 SCLKs
16 SCLKs
P
P
P
FSR
FSX
SDR
SDX
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
P
P
P
P
P
P
P
P
P
Data
Don’t care
Don’t care
Figure 14. Example Data Transfers Without Secondary Request in Full Rate and Double TX Mode
(552 Ksps for TX/FSR and 2208 Ksps for RX/FSX)
general-purpose I/O port (GPIO)
The general-purpose I/O port provides input/output pins for control of external circuitry or reading status of
external devices. GPIO0 and GPIO1 can be configured through the control register as input/output. GPO2 to
GPO5 are output only.
The configuration of GPIO0 and GPIO1 pins are controlled by the AUXGPRC register and are reflected in the
GPR-D register. The status of GPIO0 and GPIO1 can also be mapped into the lower 2 bits of the SDX (that is,
from codec to DSP) data stream during primary data transfers. To map the values of GPIO0 and GPIO1 into
the lower 2 bits of the SDX ADC data stream, set the appropriate bit in the main control register (MCR).
Each I/O output is capable of driving 2 mA.
reference system
The integrated reference provides the needed voltage and current to the internal analog blocks. It is also brought
out to external pins for noise decoupling.
auxiliary amplifiers
There are two high-performance auxiliary operational amplifiers on-chip for additional onboard filtering and
amplification at the appropriate configuration. Each op-amp is differential input and differential output and can
be disabled by register programming. The typical specifications are as follows:
DC gain:
126 dB
Bandwidth:
116 MHz
PSRR:
100 dB at dc, 70 dB at 1 MHz and 40 dB at 4 MHz
Input common mode:
1.65-V at 3.3-V power supply
Amplifier input referred noise: 2 nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com