Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Rev. 1.21
9 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
External Interrupt/Event Controller – EXTI
■
Up to 16 EXTI lines with configurable trigger source and type
■
All GPIO pins can be selected as EXTI trigger source
■
Source trigger type includes high level, low level, negative edge, positive edge, or both edge
■
Individual interrupt enable, wakeup enable and status bits for each EXTI line
■
Software interrupt trigger mode for each EXTI line
■
Integrated deglitch filter for short pulse blocking
The External Interrupt/Event Controller, EXTI, comprises 16 edge detectors which can generate
a wake-up event or interrupt requests independently. Each EXTI line can also be masked
independently.
Analog to Digital Converter – ADC
■
12-bit SAR ADC engine
■
Up to 1 Msps conversion rate
■
Up to 8 external analog input channels
A 12-bit multi-channel ADC is integrated in the device. There are multiplexed channels, which
include 8 external analog signal channels and 2 internal channels which can be measured. If the
input voltage is required to remain within a specific threshold window, an Analog Watchdog
function will monitor and detect these signals. An interrupt will then be generated to inform the
device that the input voltage is not within the preset threshold levels. There are three conversion
modes to convert an analog signal to digital data. The ADC can be operated in one shot, continuous
and discontinuous conversion modes.
I/O Ports – GPIO
■
Up to 23 GPIOs
■
Port A, B are mapped as 16 external interrupts – EXTI
■
Almost all I/O pins have a configurable output driving current.
There are up to 23 General Purpose I/O pins, GPIO, named Port A and Port B for the
implementation of logic input/output functions. Each of the GPIO ports has a series of related
control and configuration registers to maximize flexibility and to meet the requirements of a wide
range of applications.
The GPIO ports are pin-shared with other alternative functions to obtain maximum functional
flexibility on the package pins. The GPIO pins can be used as alternative functional pins by
configuring the corresponding registers regardless of the input or output pins. The external
interrupts on the GPIO pins of the device have related control and configuration registers in the
External Interrupt Control Unit, EXTI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com