Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT32F52230 Datasheet HTML 1Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 2Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
HT32F52220/HT32F52230
Datasheet
32-Bit ARM® Cortex™-M0+ Microcontroller,
up to 32 KB Flash and 4 KB SRAM with 1 MSPS ADC,
USART, UART, SPI, I2C, GPTM, SCTM, BFTM, WDT
Revision: V1.21 Date: April 11, 2017


Similar Part No. - HT32F52230

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
More results

Similar Description - HT32F52230

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
32-bit ARM Cortex-M0 microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com