Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Rev. 1.21
20 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
1
2
3
4
5
6
7
8
9
10
11
PB7
PB8
VDDA
PA0
PA1
PA2
PA3
PA4
PA5
PA7
CLDO
PB4
PB3
PB2
PB1
PB0
PA15
PA9_BOOT
XTALOUT
XTALIN
AF0
(Default)
33V
33V
33V
33V
33V
33V
HT32F52220/HT32F52230
28 SSOP-A
12
AF0
(Default)
33V
PA6
33V
SWCLK
SWDIO
PA12
PA13
AF1
PA14
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
27
26
25
24
23
22
21
20
19
18
17
28
AP
13
VDD
VSS
14
33V
P15
P33
P33
PB12
nRST
33V
33V
16
15
33V
33V
P33
AP
P15
33V
33V
3.3 V Digital Power Pad
3.3 V Analog Power Pad
1.5 V Power Pad
3.3 V Digital & Analog IO Pad
3.3 V Digital I/O Pad
PB13
PB14
Figure 5 28-pin SSOP Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com