Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Rev. 1.21
29 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
I/O Port Characteristics
Table 16 I/O Port Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
IIL
Low Level Input
Current
3.3 V IO
VI = VSS, On-chip pull-up
resister disabled.
—
—
3
μA
Reset pin
—
—
3
μA
IIH
High Level Input
Current
3.3 V IO
VI = VDD, On-chip pull-
down resister disabled.
—
—
3
μA
Reset pin
—
—
3
μA
VIL
Low Level Input
Voltage
3.3 V IO
- 0.5
—
VDD ×
0.35
V
Reset pin
- 0.5
—
VDD ×
0.35
V
VIH
High Level Input
Voltage
3.3 V IO
VDD ×
0.65
—
VDD +
0.5
V
Reset pin
VDD ×
0.65
—
VDD +
0.5
V
VHYS
Schmitt Trigger Input
Voltage Hysteresis
3.3 V IO
—
0.12
× VDD
—
mV
Reset pin
—
0.12
× VDD
—
mV
IOL
Low Level Output
Current
(GPIO Sink current)
3.3 V IO 4 mA drive, VOL = 0.4 V
4
—
—
mA
3.3 V IO 8 mA drive, VOL = 0.4 V
8
—
—
mA
3.3 V IO 12 mA drive, VOL = 0.4 V
12
—
—
mA
3.3 V IO 16 mA drive, VOL = 0.4 V
16
—
—
mA
IOH
High Level Output
Current
(GPIO Source current)
3.3 V I/O 4 mA drive, VOH = VDD - 0.4 V
4
—
—
mA
3.3 V I/O 8 mA drive, VOH = VDD - 0.4 V
8
—
—
mA
3.3 V I/O 12 mA drive, VOH = VDD - 0.4 V 12
—
—
mA
3.3 V I/O 16 mA drive, VOH = VDD - 0.4 V 16
—
—
mA
VOL
Low Level Output
Voltage
3.3 V 4 mA drive IO, IOL = 4 mA
—
—
0.4
V
3.3 V 8 mA drive IO, IOL = 8 mA
—
—
0.4
V
3.3 V 12 mA drive IO, IOL = 12 mA
—
—
0.4
V
3.3 V 16 mA drive IO, IOL = 16 mA
—
—
0.4
V
VOH
High Level Output
Voltage
3.3 V 4 mA drive IO, IOH = 4 mA
VDD -
0.4
—
—
V
3.3 V 8 mA drive IO, IOH = 8 mA
VDD -
0.4
—
—
V
3.3 V 12 mA drive IO, IOH = 12 mA
VDD -
0.4
—
—
V
3.3 V 16 mA drive IO, IOH = 16 mA
VDD -
0.4
—
—
V
RPU
Internal Pull-up
Resistor
3.3 V I/O
—
46
—
kΩ
RPD
Internal Pull-down
Resistor
3.3 V I/O
—
46
—
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com