Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Rev. 1.21
32 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
I2C Characteristics
Table 19 I2C Characteristics
Symbol
Parameter
Standard Mode
Fast Mode
Fast Mode Plus
Unit
Min
Max
Min
Max
Min
Max
fSCL
Scl Clock Frequency
—
100
—
400
—
1000
kHz
tSCL(H)
Scl Clock High Time
4.5
—
1.125
—
0.45
—
μs
tSCL(L)
Scl Clock Low Time
4.5
—
1.125
—
0.45
—
μs
tFALL
Scl And Sda Fall Time
—
1.3
—
0.34
—
0.135
μs
tRISE
Scl And Sda Rise Time
—
1.3
—
0.34
—
0.135
μs
tSU(SDA)
Sda Data Setup Time
500
—
125
—
50
—
ns
tH(SDA)
Sda Data Hold Time
0
—
0
—
0
—
ns
tSU(STA)
Start Condition Setup Time
500
—
125
—
50
—
ns
tH(STA)
Start Condition Hold Time
0
—
0
—
0
—
ns
tSU(STO)
Stop Condition Setup Time
500
—
125
—
50
—
ns
Note: 1. Guaranteed by design, not tested in production.
2. To achieve 100 kHz standard mode, the peripheral clock frequency must be higher than 2
MHz.
3. To achieve 400 kHz fast mode, the peripheral clock frequency must be higher than 8 MHz.
4. To achieve 1 MHz fast mode plus, the peripheral clock frequency must be higher than 20
MHz.
5. The above characteristic parameters of the I2C bus timing are based on: SEQ_FILTER = 01
and COMB_FILTER_En is disabled.
tSU(STA)
tH(STA)
tFALL
tSCL(L)
tRISE
tSCL(H)
tH(SDA)
tSU(SDA)
tSU(STO)
SCL
SDA
Figure 8 I2C Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com