Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Rev. 1.21
28 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
Internal Clock Characteristics
Table 12 High Speed Internal Clock (HSI) Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operation Range
—
2.0
—
3.6
V
fHSI
Hsi Frequency
VDD = 3.3 V @ 25°C
—
8
—
MHz
ACCHSI
Factory Calibrated Hsi
Oscillator FRequency
Accuracy
VDD = 3.3 V, TA = 25°C
-2
—
2
%
VDD = 2.5 V ~ 3.6 V,
TA = -40°C ~ +85°C
-3
—
3
%
VDD = 2.0 V ~ 3.6 V
TA = -40°C ~ +85°C
-4
—
4
%
Duty
Duty Cycle
fHSI = 8 MHz
35
—
65
%
IDDHSI
Oscillator Supply Current
fHSI = 8 MHz
—
300
500
μA
Power Down Current
—
—
0.05
μA
tsuHSI
Startup Time
fHSI = 8 MHz
-—
—
10
μs
Table 13 Low Speed Internal Clock (LSI) Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
Low Speed Internal Oscillator
Frequency (LSI)
VDD = 3.3 V,
TA = -40°C ~ +85°C
21
32
43
kHz
ACCLSI
Lsi Frequency Accuracy
After factory-trimmed,
VDD = 3.3 V, TA = 25°C
-10
—
+10
%
IDDLSI
Lsi Oscillator Operating Current VDD = 3.3 V, TA = 25°C
—
0.4
0.8
μA
tSULSI
Lsi Oscillator STartup Time
VDD = 3.3 V, TA = 25°C
—
—
100
μs
PLL Characteristics
Table 14 PLL Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLIN
PLL input clock
—
4
—
16
MHz
fCK_PLL
PLL output clock
—
16
—
48
MHz
tLOCK
PLL lock time
—
—
200
—
μs
Memory Characteristics
Table 15 Flash Memory Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
NENDU
Number of guaranteed
program/erase cycles before
failure. (Endurance)
TA = -40°C ~ +85°C
10
—
—
K cycles
tRET
Data retention time
TA = -40°C ~ +85°C
10
—
—
Years
tPROG
Word programming time
TA = -40°C ~ +85°C
20
—
—
μs
tERASE
Page erase time
TA = -40°C ~ +85°C
2
—
—
ms
tMERASE
Mass erase time
TA = -40°C ~ +85°C
10
—
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com