Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 39Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Rev. 1.21
37 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
28-pin SSOP (150mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.236 BSC
—
B
—
0.154 BSC
—
C
0.008
—
0.012
C’
—
0.390 BSC
—
D
—
—
0.069
E
—
0.025 BSC
—
F
0.004
—
0.0098
G
0.016
—
0.050
H
0.004
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
6.000 BSC
—
B
—
3.900 BSC
—
C
0.200
—
0.300
C’
—
9.900 BSC
—
D
—
—
1.750
E
—
0.635 BSC
—
F
0.100
—
0.250
G
0.410
—
1.270
H
0.100
—
0.250
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com