Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Rev. 1.21
30 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
ADC Characteristics
Table 17 ADC Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Operating Voltage
—
2.5
3.3
3.6
V
VADCIN
A/D Converter Input Voltage
Range
—
0
—
VREF+
V
VREF+
A/D Converter Reference
Voltage
—
—
VDDA
VDDA
V
IADC
Current Consumption
VDDA = 3.3 V
—
1
TBD
mA
IADC_DN
Power Down Current
Consumption
VDDA = 3.3 V
—
—
0.1
μA
fADC
A/D Converter Clock
—
0.7
—
16
MHz
fS
Sampling Rate
—
0.05
—
1
MHz
tDL
Data Latency
—
—
12.5
—
1/fADC
Cycles
tS&H
Sampling & Hold Time
—
—
3.5
—
1/fADC
Cycles
tADCCONV
A/D Converter Conversion
Time
—
—
16
—
1/fADC
Cycles
RI
Input Sampling Switch
Resistance
—
—
—
1
kΩ
CI
Input Sampling Capacitance
No pin/pad capacitance
included
—
16
—
pF
tSU
Startup Up Time
—
—
—
1
μs
N
Resolution
—
—
12
—
bits
INL
Integral Non-Linearity Error
fS = 750 kHz, VDDA = 3.3 V
—
±2
±5
LSB
DNL
Differential Non-Linearity Error fS = 750 kHz, VDDA = 3.3 V
—
±1
—
LSB
EO
Offset Error
—
—
—
±10
LSB
EG
Gain Error
—
—
—
±10
LSB
Note: 1. Guaranteed by design, not tested in production.
2. The figure below shows the equivalent circuit of the A/D Converter Sample-and-Hold input
stage where CI is the storage capacitor, RI is the resistance of the sampling switch and RS
is the output impedance of the signal source VS. Normally the sampling phase duration is
approximately, 3.5/fADC. The capacitance, CI, must be charged within this time frame and it
must be ensured that the voltage at its terminals becomes sufficiently close to VS for accu-
racy. To guarantee this, RS is not allowed to have an arbitrarily large value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com