Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Rev. 1.21
31 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
SAR ADC
CI
sample
RI
RS
VS
Figure 7 ADC Sampling Network Model
The worst case occurs when the extremities of the input range (0V and VREF) are sampled
consecutively. In this situation a sampling error below ¼ LSB is ensured by using the following
equation:
I
2
N
I
ADC
S
R
)
2
ln(
C
f
5
.
3
R
Where fADC is the ADC clock frequency and N is the ADC resolution (N = 12 in this case). A safe
margin should be considered due to the pin/pad parasitic capacitances, which are not accounted for
in this simple model.
If, in a system where the A/D Converter is used, there are no rail-to-rail input voltage variations
between consecutive sampling phases, RS may be larger than the value indicated by the equation
above.
SCTM/GPTM Characteristics
Table 18 SCTM/GPTM Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fTM
Timer clock source for GPTM
—
—
—
48
MHz
tRES
Timer resolution time
—
—
—
—
fTM
fEXT
External signal frequency on
channel 1 ~ 4
—
—
—
1/2
fTM
RES
Timer resolution
—
—
—
16
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com