Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Rev. 1.21
33 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
SPI Characteristics
Table 20 SPI Characteristics
Symbol
Parameter
Conditions
Min Typ Max Unit
SPI Master mode
fSCK
SPI master output SCK
clock frequency
SPI peripheral clock frequency fPCLK
—
— fPCLK/2 MHz
tSCK(H)
tSCK(L)
SCK clock high and low
time
—
tSCK/2
- 2
— t
SCK
/2
+ 1
ns
tV(MO)
Data output valid time
—
-
—
5
ns
tH(MO)
Data output hold time
—
2
—
—
ns
tSU(MI)
Data input setup time
—
5
—
—
ns
tH(MI)
Data input hold time
—
5
—
—
ns
SPI Slave mode
fSCK
SPI slave input SCK clock
frequency
SPI peripheral clock frequency fPCLK
—
— fPCLK/3 MHz
DutySCK SPI slave input SCK clock
duty cycle
—
30
—
70
%
tSU(SEL)
SEL enable setup time
—
3 tPCLK —
—
ns
tH(SEL)
SEL enable hold time
—
2 tPCLK —
—
ns
tA(SO)
Data output access time
—
—
— 3 tPCLK ns
tDIS(SO)
Data output disable time
—
—
—
10
ns
tV(SO)
Data output valid time
—
—
—
25
ns
tH(SO)
Data output hold time
—
15
—
—
ns
tSU(SI)
Data input setup time
—
5
—
—
ns
tH(SI)
Data input hold time
—
4
—
—
ns
Note: 1. fSCK is SPI output/input clock frequency and tSCK = 1/fSCK.
2. fPCLK is SPI peripheral clock frequency and tPCLK = 1/fPCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com