Electronic Components Datasheet Search
  English  ▼

X  

HT32F52230 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Rev. 1.21
16 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
Memory Map
Reserved
Reserved
Reserved
GPIO A ~ B
Reserved
Reserved
Reserved
BFTM
GPTM
PWRCU
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x4002_2000
Reserved
Up to
32 KB on-chip Flash
0x0000_0000
Reserved
0x000_8000
Boot loader
0x1F00_0000
Reserved
0x1F00_0800
Option byte alias
0x1FF0_0000
Up to
32 KB
2 KB
1 KB
Reserved
0x1FF0_0400
Code
SRAM
Peripheral
4 KB on-chip SRAM
0x2000_0000
Reserved
0x2000_1000
4 KB
APB peripherals
0x4000_0000
AHB peripherals
0x4008_0000
0x4010_0000
Private peripheral bus
0xE000_0000
Reserved
0xE010_0000
0xFFFF_FFFF
512 KB
512 KB
USART
0x4000_0000
UART
0x4000_1000
SPI
0x4000_4000
0x4000_5000
I2C
ADC
Reserved
0x4001_0000
EXTI
0x4002_3000
AFIO
0x4002_4000
WDT
0x4003_5000
0x4004_8000
0x4006_9000
0x4006_B000
0x4006_A000
0x4004_9000
0x4006_E000
0x4003_4000
APB
FMC
0x4008_0000
Reserved
0x4008_2000
CKCU/RSTCU
0x4008_8000
0x400F_FFFF
AHB
0x4000_2000
0x4002_5000
0x4008_A000
0x400B_0000
0x400B_4000
0x4001_1000
0x4006_8000
0x4006_F000
0x4007_6000
0x4007_7000
SCTM0
SCTM1
0x4007_4000
Reserved
0x4007_5000
Figure 2 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com