Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 72 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 68Page - Cirrus Logic WM0011 Datasheet HTML 69Page - Cirrus Logic WM0011 Datasheet HTML 70Page - Cirrus Logic WM0011 Datasheet HTML 71Page - Cirrus Logic WM0011 Datasheet HTML 72Page - Cirrus Logic WM0011 Datasheet HTML 73Page - Cirrus Logic WM0011 Datasheet HTML 74Page - Cirrus Logic WM0011 Datasheet HTML 75Page - Cirrus Logic WM0011 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
72
CCM_SCRATCH1 – SCRATCHPAD 1 REGISTER
The CCM_SCRATCH1 registers is a general-purpose scratchpad register. Note that the default value
(the value of this register at reset) may vary, depending on the applicable boot process.
CCM_SCRATCH1
SCRATCHPAD 1 REGISTER
Address = 0xF000_0050
Default value = 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
31:0
SCRATCH1
RW
0x0FED_
0003
Scratchpad 1
Table 29 CCM_SCRATCH1 Register
CCM_SCRATCH2 – SCRATCHPAD 2 REGISTER
The CCM_SCRATCH2 registers is a general-purpose scratchpad register. Note that the default value
(the value of this register at reset) may vary, depending on the applicable boot process.
CCM_SCRATCH2
SCRATCHPAD 2 REGISTER
Address = 0xF000_0054
Default value = 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
31:0
SCRATCH2
RW
0x0000_
0000
Scratchpad 2
Table 30 CCM_SCRATCH2 Register
CCM_SCRATCH3 – SCRATCHPAD 3 REGISTER
The CCM_SCRATCH3 registers is a general-purpose scratchpad register. Note that the default value
(the value of this register at reset) may vary, depending on the applicable boot process.
CCM_SCRATCH3
SCRATCHPAD 3 REGISTER
Address = 0xF000_0058
Default value = 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
31:0
SCRATCH3
RW
0x0000_
0000
Scratchpad 3
Table 31 CCM_SCRATCH3 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com