Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 85Page - Cirrus Logic WM0011 Datasheet HTML 86Page - Cirrus Logic WM0011 Datasheet HTML 87Page - Cirrus Logic WM0011 Datasheet HTML 88Page - Cirrus Logic WM0011 Datasheet HTML 89Page - Cirrus Logic WM0011 Datasheet HTML 90Page - Cirrus Logic WM0011 Datasheet HTML 91Page - Cirrus Logic WM0011 Datasheet HTML 92Page - Cirrus Logic WM0011 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
89
TIMER (TMR) MODULES
TIMER 1 - BASE ADDRESS 0xF001_0000
TIMER 2 - BASE ADDRESS 0xF001_0020
TIMER 3 - BASE ADDRESS 0xF001_0040
TIMER DESCRIPTION
The WM0011 provides three timers, which count up from 0, or count down from TMR_MAX_CNT. The
counters are enabled using the TMR_ENA bit, and count direction is selected using the TMR_DIR bit
(see Table 49).
The number of APBCLK clock cycles per count is determined by the TMR_PRESCALE register.
When TMR_PRESCALE = 00h, the module will count at the APBCLK clock rate.
The TMR_MODE bit enables a selectable external trigger to be used to start the timer count. The
TMC_INC bit configures the external trigger either as a ‘start’ trigger or as an alternate ‘clock’ signal.
When TMR_MODE=1 and TMR_INC=0, the count rate is controlled only by the external trigger (ie.
not by APBCLK).
The TMR_1SHOT bit selects whether the Timer automatically re-starts after the ‘end of count’
condition has been reached.
Note that the timer clock enable bit (TMR_CLK_ENA) is on the CCM_CLK_ENA register, and the
timer reset bit (TMR_SOFTRST_N) is in the CCM_SOFTRST register. Note that these signals are
common to all three Timer (TMR) modules.
Figure 23 Timer (TMR) Modules Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com