Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 29 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 25Page - Cirrus Logic WM0011 Datasheet HTML 26Page - Cirrus Logic WM0011 Datasheet HTML 27Page - Cirrus Logic WM0011 Datasheet HTML 28Page - Cirrus Logic WM0011 Datasheet HTML 29Page - Cirrus Logic WM0011 Datasheet HTML 30Page - Cirrus Logic WM0011 Datasheet HTML 31Page - Cirrus Logic WM0011 Datasheet HTML 32Page - Cirrus Logic WM0011 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
29
POWER-ON AND RESET CONTROL
The WM0011 incorporates a number of different Reset mechanisms, which are summarised below.
Hardware Reset - this is controlled by the RESET
¯¯¯¯¯¯ input pin. When the RESET
¯¯¯¯¯¯ pin is asserted, the
chip is held in its reset condition, with all modules disabled and registers set to default. When the
RESET
¯¯¯¯¯¯ pin is de-asserted, the WM0011 will commence the boot sequence.
Warm Reset - this is controlled by the TOCDRST
¯¯¯¯¯¯¯¯¯ input pin, or by internal functions (Watchdog
timeout, PLL Lock status, or the Wake-Up FSM). Each of these triggers can be masked individually. If
any of the Warm Reset conditions is asserted (and unmasked), the Warm Reset will reset the core
functions and peripheral modules.
Software Reset - this function comprises individual reset control fields for each peripheral module.
POWER ON RESET
There is no Power-On Reset (POR) circuit for initialising the chip on power-up.
It is required that the RESET
¯¯¯¯¯¯ input pin is asserted (logic ‘0’) during power-up, and must remain
asserted until the power supply rails are within recommended operating conditions, and the CLKIN
reference is stable.
The WM0011 boot sequence will commence after the RESET
¯¯¯¯¯¯ pin has been de-asserted. When the
WM0011 is ready to commence software/configuration download, the IRQ
¯¯¯ output pin will be asserted
(logic ‘0’).
See “Boot Sequence Control” for details of the WM0011 boot sequence. Note that, on completion of
the boot sequence, the IRQ
¯¯¯ output pin will be de-asserted (logic ‘1’).
Note that, under default start-up conditions, the CLKIN input is selected as the clock source. The
Custom fuse settings, and/or PLL Configuration download, can be used to select the start-up clocking
configuration for different applications.
The Power-On Reset sequence is illustrated in Figure 8.
CLKIN
RESET
IRQ
DBVDD1
DBVDD2 / DBVDD3
AVDD / DCVDD
RESET input must be asserted
(logic 0) during power-up
Power supplies can be enabled in any order.
To prevent momentary drive on output pads, it
is recommended that DCVDD is enabled first.
CLKIN input must be held logic 0 until
after DBVDD1 has been applied
IRQ is asserted when the WM0011 is
ready for software download
CLKIN must be stable for at least 1 cycle before RESET
is de-asserted. The boot sequence commences after the
RESET input has been de-asserted.
Figure 8 Power-On Reset Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com