Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 31Page - Cirrus Logic WM0011 Datasheet HTML 32Page - Cirrus Logic WM0011 Datasheet HTML 33Page - Cirrus Logic WM0011 Datasheet HTML 34Page - Cirrus Logic WM0011 Datasheet HTML 35Page - Cirrus Logic WM0011 Datasheet HTML 36Page - Cirrus Logic WM0011 Datasheet HTML 37Page - Cirrus Logic WM0011 Datasheet HTML 38Page - Cirrus Logic WM0011 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
35
BOOT STATUS AND ERROR REPORTING
During boot-up, the WM0011 generates status and error codes for external monitoring of the start-up
process. These status codes are reported via the UART interface, and also via the SPI interface (in
SPI Slave mode only).
The SPI output comprises a 32-bit code for each status code. The status reporting on the SPI
interface is only supported in SPI Slave mode. A maximum of one status/error code can be reported
per Code Packet received. The applicable code will be transmitted for the duration of the next Code
Packet that follows after the Code Packet to which the status/error code relates. Accordingly, it should
be noted that some codes may be applicable but are not transmitted on the SPI interface.
The UART output is in the form of a single ASCII character code for each condition. The applicable
code(s) are reported immediately after receipt of the Code Packet to which they relate.
The SPI interface can report all of the defined status/error codes; the UART interface only supports a
reduced set of codes, as noted in Table 11.
The UART data output format is: 8 data bits, stop bit, no parity. If the Custom fuses are not
programmed, then the assumed clock rate (24.5MHz) gives 115,200bps data output. Other clock
frequencies and data bit rates are possible using the Custom fuse or PLL Configuration options.
The boot status and error report codes are defined in Table 11.
MESSAGE NAME
UART
(ASCII)
SPI SLAVE
DESCRIPTION
ROM_DBG_CODE_START
0x0FED0000
The C startup code has finished and ROM
application starting
ROM_DBG_FUSE_CLR
0x0FED0001
The contents of the fuse array are entirely blank
ROM_DBG_CUST_FUSE_CLR
0x0FED0002
The custom portion of the fuse array is blank
ROM_DBG_COMM_ENABLED
A
0x0FED0003
Communication port enabled and ROM ready for
image download
ROM_DBG_FUSE_DL_SUCCESS
B
0x0FED0004
Fuse Data received successfully.
ROM_DBG_FUSE_PROGRAMMED
C
0x0FED0005
Fuses are programmed, rebooting immediately.
ROM_DBG_GOOD_PKT
D
0x0FED0006
A valid data packet received
ROM_DBG_CODE_HDR_VALID
E
0x0FED0007
Valid Code Header Packet received
ROM_DBG_CODE_PKT_VALID
F
0x0FED0008
Valid Code Data packet received
ROM_DBG_CODE_DL_COMPLETE
G
0x0FED0009
An entire code image has been downloaded
ROM_DBG_CODE_SECURE_MATCH
H
0x0FED000A
The decrypted image header matches the SHA
result
ROM_DBG_CODE_UNSECURE_MATCH
I
0x0FED000B
The raw image header matches the SHA result,
with JTAG enabled
ROM_DBG_APP_START
J
0x0FED000C
This is the final message sent by the ROM prior to
starting the User Application.
ROM_DBG_WAITING_PLL_LOCK
K
0x0FED000D
This is sent as soon as the PLL is enabled while
waiting for LOCK to be asserted
ROM_DBG_PLL_PACKET_SUCCESS
L
0x0FED000E
The PLL packet was received and clocks have
been successfully changed
ROM_DBG_FUSE_INVALID
a
0x0FED0023
A CRC mismatch in the custom fuses detected
ROM_DBG_FUSE_DL_FAIL_BAD_LEN
b
0x0FED0024
The Custom Fuse image length is incorrect.
ROM_DBG_IMG_TOO_LONG
c
0x0FED0025
Final Data Packet exceeds total length specified in
Header Packet
ROM_DBG_PKT_OVERFLOW
d
0x0FED0026
Data packet received prior to previous packet
finished processing possible overflow
ROM_DBG_CODE_UNSECURE_MISMATCH
e
0x0FED0027
The raw image header does NOT match the SHA
result w/ JTAG enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com