Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 14Page - Cirrus Logic WM0011 Datasheet HTML 15Page - Cirrus Logic WM0011 Datasheet HTML 16Page - Cirrus Logic WM0011 Datasheet HTML 17Page - Cirrus Logic WM0011 Datasheet HTML 18Page - Cirrus Logic WM0011 Datasheet HTML 19Page - Cirrus Logic WM0011 Datasheet HTML 20Page - Cirrus Logic WM0011 Datasheet HTML 21Page - Cirrus Logic WM0011 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
18
AUDIO INTERFACE (AIF) TIMING
DIGITAL AUDIO INTERFACE – MASTER MODE
Figure 2 AIF Interface Timing – Master Mode
Test Conditions
DCVDD=AVDD=1.2V, DBVDD1=DBVDD2=DBVDD3=1.8V, TA = +25°C, CLOAD=5pF (output pins)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Master Mode
AIFnBCLK cycle time
tBCY
80
ns
AIFnBCLK duty cycle
40
60
%
AIFnLRCLK propagation delay from AIFnBCLK falling edge
tLRD
0
15
ns
AIFnTXDAT propagation delay from AIFnBCLK falling edge
tDD
0
15
ns
AIFnRXDAT setup time to AIFnBCLK rising edge
tDSU
16.3
ns
AIFnRXDAT hold time from AIFnBCLK rising edge
tDH
16.3
ns
Table 3 AIF Master Mode Timing Values
Note the timing figures quoted in the table above are for full drive strength outputs; these timings are
not guaranteed for reduced drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com