Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 45 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 41Page - Cirrus Logic WM0011 Datasheet HTML 42Page - Cirrus Logic WM0011 Datasheet HTML 43Page - Cirrus Logic WM0011 Datasheet HTML 44Page - Cirrus Logic WM0011 Datasheet HTML 45Page - Cirrus Logic WM0011 Datasheet HTML 46Page - Cirrus Logic WM0011 Datasheet HTML 47Page - Cirrus Logic WM0011 Datasheet HTML 48Page - Cirrus Logic WM0011 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
45
CRYSTAL OSCILLATOR
The external clock reference connected to the XTI pin may be either a digital logic input, or may be
provided using an external crystal. The typical connection details for an external crystal are illustrated
in Figure 17.
Figure 17 Crystal Oscillator External Components
Selection of the correct external components for the crystal oscillator is important. Recommended
guidelines are provided below. Users should also refer to the crystal component datasheet for
applicable guidelines.
The feedback resistor (Rf) biases the internal inverter in the high gain region. A typical resistance of
1MΩ is recommended.
The damping resistor (Rd) increases stability, and reduces power consumption, suppressing the high
frequency gain. Note that, if this resistance is too large, the loop could fail to oscillate. Some circuits
may omit the Rd resistor altogether.
The load capacitors C1 and C2 should be selected according to the recommended load capacitance,
CL of the crystal, which is given by the following equation:
Assuming C1 = C2 and CSTRAY = 2.75pF (typical pad i/o capacitance), then:
C1 = C2 = 2 x (CL - 2.75pF).
For example, if the crystal has a recommended load capacitance CL = 9pF, then C1 = C2 = 12.5pF.
Table 13 shows the recommended load capacitance and maximum ESR values for a range of suitable
WM0011 clocking frequencies.
FREQUENCY
CAPACITANCE (CL)
MAXIMUM ESR
2MHz to 6MHz
20pF
1000Ω
6MHz to 10MHz
16pF
160Ω
10MHz to 20 MHz
12pF
90Ω
20MHz to 30MHz
8pF
40Ω
Table 13 Crystal Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com