Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 18Page - Cirrus Logic WM0011 Datasheet HTML 19Page - Cirrus Logic WM0011 Datasheet HTML 20Page - Cirrus Logic WM0011 Datasheet HTML 21Page - Cirrus Logic WM0011 Datasheet HTML 22Page - Cirrus Logic WM0011 Datasheet HTML 23Page - Cirrus Logic WM0011 Datasheet HTML 24Page - Cirrus Logic WM0011 Datasheet HTML 25Page - Cirrus Logic WM0011 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
22
CONTROL INTERFACE (I2C) TIMING
Figure 6 I
2C Control Interface Timing
Test Conditions
AVDD= DCVDD=1.2V, DBVDD1=DBVDD2=DBVDD3=1.8V, TA = +25°C, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLKn Frequency
1000
kHz
SCLKn Low Pulse-Width
t1
500
ns
SCLKn High Pulse-Width
t2
260
ns
Hold Time (Start Condition)
Pulse filter OFF
t3
260
ns
Pulse filter ON
275
Setup Time (Start Condition)
t4
260
ns
SDAn, SCLKn Rise Time
t6
120
ns
SDAn, SCLKn Fall Time
t7
120
ns
Setup Time (Stop Condition)
t8
260
ns
SDAn Setup Time (data/ACK input)
t5
50
ns
SDAn Hold Time (data/ACK input)
t9
0
ns
SDAn Valid Time (data/ACK output)
t10
450
ns
Pulse width of spikes that will be suppressed
tps
0
50
ns
Table 7 I
2C Timing Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com