Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 12Page - Cirrus Logic WM0011 Datasheet HTML 13Page - Cirrus Logic WM0011 Datasheet HTML 14Page - Cirrus Logic WM0011 Datasheet HTML 15Page - Cirrus Logic WM0011 Datasheet HTML 16Page - Cirrus Logic WM0011 Datasheet HTML 17Page - Cirrus Logic WM0011 Datasheet HTML 18Page - Cirrus Logic WM0011 Datasheet HTML 19Page - Cirrus Logic WM0011 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
16
TYPICAL POWER CONSUMPTION
Typical power consumption data is provided below for a number of different operating conditions.
Test Conditions:
DCVDD = AVDD = 1.2V, DBVDD1 = 1.8V, DBVDD2 = DBVDD3 = 0V, TA = +25ºC
OPERATING MODE
TEST CONDITIONS
IDCVDD
IDBVDD1
IAVDD
TOTAL
Reset
RESET
¯¯¯¯¯¯ asserted
CLKIN = 0MHz
0.2mA
0.03mA
0.05mA
0.35mW
BootROM
(awaiting code download)
RESET
¯¯¯¯¯¯ de-asserted
CLKIN = 24.576MHz
8.78mA
0.48mA
0.05mA
11.46mW
Sleep Mode
RESET
¯¯¯¯¯¯ de-asserted
SLP_ENA=1 (CCM_WKUP_CTRL register)
CLKIN = 0MHz
DSPCLK disabled, AHBCLK disabled
0.25mA
0.02mA
0.05mA
0.40mW
RESET
¯¯¯¯¯¯ de-asserted
SLP_ENA=1 (CCM_WKUP_CTRL register)
CLKIN = 24.576MHz
DSPCLK disabled, AHBCLK disabled
RAM & IRQC modules enabled
0.91mA
0.47mA
0.05mA
2.00mW
Sleep Mode
AIF Bypass enabled
RESET
¯¯¯¯¯¯ de-asserted
SLP_ENA=1 (CCM_WKUP_CTRL register)
CLKIN = 0MHz
DSPCLK disabled, AHBCLK disabled
AIF Bypass Mode A enabled
0.27mA
0.16mA
0.05mA
0.67mW
RESET
¯¯¯¯¯¯ de-asserted
SLP_ENA=1 (CCM_WKUP_CTRL register)
CLKIN = 24.576MHz
DSPCLK disabled, AHBCLK disabled
AIF Bypass Mode A enabled
0.95mA
0.60mA
0.05mA
2.28mW
Run Mode
(full processor load)
RESET
¯¯¯¯¯¯ de-asserted
SLP_ENA=0 (CCM_WKUP_CTRL register)
CLKIN = 24.576MHz
PLLOUT = 259.2MHz
All peripherals enabled
Processor fully loaded
90mA
0.60mA
0.10mA
109.2mW
The WM0011 supports a low-power Sleep mode, as referenced above. Note that, when the WM0011 is not in use, the Sleep mode
(not the Reset mode) is recommended for typical applications. The Sleep mode allows the full processor functionality to be resumed
at any time, without needing to re-load the software code. The Sleep mode also enables AIF Bypass modes to be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com