Electronic Components Datasheet Search
  English  ▼

X  

WM0011 Datasheet(PDF) 81 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 77Page - Cirrus Logic WM0011 Datasheet HTML 78Page - Cirrus Logic WM0011 Datasheet HTML 79Page - Cirrus Logic WM0011 Datasheet HTML 80Page - Cirrus Logic WM0011 Datasheet HTML 81Page - Cirrus Logic WM0011 Datasheet HTML 82Page - Cirrus Logic WM0011 Datasheet HTML 83Page - Cirrus Logic WM0011 Datasheet HTML 84Page - Cirrus Logic WM0011 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
81
CCM_IOCTRL5
I/O CONTROL 5 REGISTER
Address = 0xF000_0070
Default value = 0x7D77_7777
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
25
UARTTX_PD
RW
0x0
UARTTX/GPIO23 pull-down control
0 = Disabled
1 = Enabled
24
UARTTX_IE
RW
0x1
UARTTX/GPIO23 input enable
0 = Disabled
1 = Enabled
23:0
Reserved
0x77_
7777
Table 37 CCM_IOCTRL5 Register
CCM_IOCTRL6 – I/O CONTROL 6 REGISTER
For custom-programmed devices, the start-up (default) contents of this register are configured in the
fuse memory, and can be set according to the application requirements.
CCM_IOCTRL6
I/O CONTROL 6 REGISTER
Address = 0xF000_0074
Default value = 0x7777_7770
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
31
TDEBUG_OE
RW
0x0
TDEBUG/TMSDEBUG output enable
0 = Disabled (tri-state)
1 = Enabled
30
TDEBUG_DS
RW
0x1
TDEBUG/TMSDEBUG output drive strength
0 = Reduced strength
1 = Full strength
29
TDEBUG_PU
RW
0x1
TDEBUG/TMSDEBUG pull-up control
0 = Disabled
1 = Enabled
28
TDEBUG_IE
RW
0x1
TDEBUG/TMSDEBUG input enable
0 = Disabled
1 = Enabled
27
Reserved
0x0
26
TOCDRST_DS
RW
0x1
TOCDRST
¯¯¯¯¯¯¯¯¯ drive strength
0 = Reduced strength
1 = Full strength
Note - TOCDRST
¯¯¯¯¯¯¯¯¯ is input only; this bit has no effect
25
TOCDRST_PU
RW
0x1
TOCDRST
¯¯¯¯¯¯¯¯¯ pull-up control
0 = Disabled
1 = Enabled
24
TOCDRST_IE
RW
0x1
TOCDRST
¯¯¯¯¯¯¯¯¯ input enable
0 = Disabled
1 = Enabled
23
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com