Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 46 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 42Page - Cirrus Logic WM8224 Datasheet HTML 43Page - Cirrus Logic WM8224 Datasheet HTML 44Page - Cirrus Logic WM8224 Datasheet HTML 45Page - Cirrus Logic WM8224 Datasheet HTML 46Page - Cirrus Logic WM8224 Datasheet HTML 47Page - Cirrus Logic WM8224 Datasheet HTML 48Page - Cirrus Logic WM8224 Datasheet HTML 49Page - Cirrus Logic WM8224 Datasheet HTML 50Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
46
REGISTER
REGISTER
NAME
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
R37 (25h)
PGA Gain
LSB
(Green)
0
PGAG[0]
0
This register bit forms the LSB of the green channel PGA
gain code. PGA gain is determined by combining this
register bit and the 8 MSBs contained in register address
29 hex.
R38 (26h)
PGA Gain
LSB
(Blue)
0
PGAB[0]
0
This register bit forms the LSB of the blue channel PGA
gain code. PGA gain is determined by combining this
register bit and the 8 MSBs contained in register address
2A hex.
R39 (27h)
PGA Gain
LSB
(RGB)
0
PGARGB[0]
-
Writing a value to this location causes red, green and blue
PGA LSB gain values to be overwritten by the new value.
R40 (28h)
PGA gain
MSBs
(Red)
7:0
PGAR[8:1]
00001100
Bits 8 to 1 of red PGA gain. Combined with red LSB
register bit to form complete PGA gain code. This
determines the gain of the red channel PGA according to
the equation:
Red channel PGA gain (V/V) = 0.66 +
PGAR[8:0]x7.34/511
R41 (29h)
PGA gain
MSBs
(Green)
7:0
PGAG[8:1]
00001100
Bits 8 to 1 of green PGA gain. Combined with green LSB
register bit to form complete PGA gain code. This
determines the gain of the green channel PGA according
to the equation:
Green channel PGA gain (V/V) = 0.66 +
PGAG[8:0]x7.34/511
R42 (2Ah)
PGA gain
MSBs
(Blue)
7:0
PGAB[8:1]
00001100
Bits 8 to 1 of blue PGA gain. Combined with blue LSB
register bit to form complete PGA gain code. This
determines the gain of the blue channel PGA according to
the equation:
Blue channel PGA gain (V/V) = 0.66 +
PGAB[8:0]x7.34/511
R43 (2Bh)
PGA gain
MSBs
(RGB)
7:0
PGARGB[8:1]
-
A write to this register location causes the red, green and
blue PGA MSB gain registers to be overwritten by the new
value.
R44 (2Ch)
BLC Control
5
6:0
BLC_DEL
[6:0]
0000000
Determines the number of pixels (from the start of a line)
to delay the start of a BLC operation.
7
LINE_DEL
[8]
0
MSB of the number of lines from the start of a frame to
delay the start of a BLC operation.
R45 (2Dh)
BLC Control
6
7:0
LINE_DEL
[7:0]
00000000
LSBs of the number of lines from the start of a frame to
delay the start of a BLC operation.
Table 16 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com