Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 18Page - Cirrus Logic WM8224 Datasheet HTML 19Page - Cirrus Logic WM8224 Datasheet HTML 20Page - Cirrus Logic WM8224 Datasheet HTML 21Page - Cirrus Logic WM8224 Datasheet HTML 22Page - Cirrus Logic WM8224 Datasheet HTML 23Page - Cirrus Logic WM8224 Datasheet HTML 24Page - Cirrus Logic WM8224 Datasheet HTML 25Page - Cirrus Logic WM8224 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
22
0
1
2
3
4
5
6
7
8
0
128
256
384
512
Gain Code (PGA[8:0])
0
0.5
1
1.5
2
2.5
3
3.5
0
128
256
384
512
Gain Code (PGA[8:0])
Max i/p Voltage
LOWREFS=0
Max i/p Voltage
LOWREFS=1
Figure 17 PGA Gain Characteristic
Figure 18 Peak Input Voltage to Match ADC Full-scale Range
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA can be offset to match the full-scale range of the differential ADC (2*[VRT-
VRB]).
For negative-going input video signals, a black level (zero differential) output from the PGA should be
offset to the top of the ADC range by setting register bits PGAFS[1:0]=10. This will give an output
code of FFFF (hex) from the WM8224 for zero input. If code zero is required for zero differential input
then the INVOP bit should be set.
For positive going input signals the black level should be offset to the bottom of the ADC range by
setting PGAFS[1:0]=11. This will give an output code of 0000 (hex) from the WM8224 for zero input.
Bipolar input video is accommodated by setting PGAFS[1:0]=00 or PGAFS[1:0]=01. Zero differential
input voltage gives mid-range ADC output, 7FFF (hex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com