Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 32Page - Cirrus Logic WM8224 Datasheet HTML 33Page - Cirrus Logic WM8224 Datasheet HTML 34Page - Cirrus Logic WM8224 Datasheet HTML 35Page - Cirrus Logic WM8224 Datasheet HTML 36Page - Cirrus Logic WM8224 Datasheet HTML 37Page - Cirrus Logic WM8224 Datasheet HTML 38Page - Cirrus Logic WM8224 Datasheet HTML 39Page - Cirrus Logic WM8224 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
36
Figure 32 Control Interface Register Write
A software reset is carried out by writing to Address “000100” with any value of data, (i.e. Data Word
= XXXXXXXX).
REGISTER READ-BACK
Figure 33 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (id1, id0, a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register in the addressed device to be output MSB first on pin SDO (on the falling edge
of SCK). Note that pin SDO is shared with an output pin, OP[11], and readback will override a high-
impedance output on this pin. The next word may be read in to SDI while the previous word is still
being output on SDO.
Figure 33 Serial Interface Register Read-back
MULTIPLE DEVICE OPERATION
Up to 3 WM8224 devices can be configured to share common serial interfaces and output data
buses. In order to accommodate multiple devices on a shared output bus a higher number of MCLKs
per VSMP are required.
When multiple devices are being used the WM8224 can be configured so that the outputs are high
impedance apart from during valid data output by setting the AUTOZ register bit to 1. [Note that
AUTOZ should not be used if the MCLK : VSMP ratio is 1:1.] The output of each device can be
staggered by adjusting the latency via the OPDEL[3:0] register bits, allowing multiple devices to share
the same output bus.
BUS CONTENTION
In 3 channel mode, an MCLK:VSMP ratio of 8:1 (2 devices) or 12:1 (3 devices) is recommended to
give an spare MCLK cycle in which to allow the output data pins to transition in and out of a high
impedance state. However an MCLK:VSMP ratio of 6:1 (2 devices) or 9:1 (3 devices) can be used,
but care must be taken with output timing to prevent bus contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com