Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 37Page - Cirrus Logic WM8224 Datasheet HTML 38Page - Cirrus Logic WM8224 Datasheet HTML 39Page - Cirrus Logic WM8224 Datasheet HTML 40Page - Cirrus Logic WM8224 Datasheet HTML 41Page - Cirrus Logic WM8224 Datasheet HTML 42Page - Cirrus Logic WM8224 Datasheet HTML 43Page - Cirrus Logic WM8224 Datasheet HTML 44Page - Cirrus Logic WM8224 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
41
DEVICE CONFIGURATION
REGISTER MAP
The following table describes the location of each control bit used to determine the operation of the
WM8224.
ADDRES
S
<a5:a0>
DESCRIPTION
DEF
(hex)
R
W
BIT
b7
b6
b5
b4
b3
b2
b1
b0
000000 (00h) Device ID
82
R
Reads first 2 digits of device part number
000001 (01h) Setup Reg 1
03
RW ACLKDIV[1] ACLKDIV[0]
PGAFS[1]
PGAFS[0]
TWOCHAN
MONO
CDS
EN
000010 (02h) Setup Reg 2
E8
RW
RES[1]
RES[0]
RLCDACRNG
LOWREFS
OPD
INVOP
AUTOZ
OPFORM
000011 (03h) Setup Reg 3
1F
RW
CHAN[1]
CHAN[0]
OEDEL[1]
OEDEL[0]
RLCDAC[3]
RLCDAC[2]
RLCDAC[1]
RLCCDAC[0]
000100 (04h) Software Reset
24
RW
Reads second 2 digits of device part number
000101 (05h) Device ID Revision
01
R
Reads revision number of device
000110 (06h) Setup Reg 4
00
RW
OPDEL[3]
OPDEL[2]
OPDEL[1]
OPDEL[0]
0
0
0
0
000111 (07h) Setup Reg 5
00
RW
0
0
ADCREFPD VRLCDACPD
ADCPD
BLUPD
GRNPD
REDPD
001000 (08h) Setup Reg 6
20
RW
FOL_EN
CLAMPCTRL
RLCEN
0
0
0
0
RESET_NOREG
001001 (09h) BLC Red Target
00
RW TARGETR[7] TARGETR[6] TARGETR[5] TARGETR[4] TARGETR[3] TARGETR[2] TARGETR[1]
TARGETR[0]
001010 (0Ah) BLC Green Target
00
RW TARGETG[7] TARGETG[6] TARGETG[5] TARGETG[4] TARGETG[3] TARGETG[2] TARGETG[1]
TARGETG[0]
001011 (0Bh) BLC Blue Target
00
RW TARGETB[7] TARGETB[6] TARGETB[5] TARGETB[4] TARGETB[3] TARGETB[2] TARGETB[1]
TARGETB[0]
001100 (0Ch) BLC Control 1
00
RW STATE_OUT
0
0
0
FSCALE_RE
L
TG_REG
TG_METHOD
[1]
TG_METHOD
[0]
001101 (0Dh) BLC Control 2
00
RW
0
0
0
0
FA_EN
CADUR[2]
CADUR[1]
CADUR[0]
001110 (0Eh) BLC Control 3
00
RW BPIX_AVAIL
[9]
BPIX_AVAIL
[8]
CA_
EVERYLINE
FA_
EVERYLINE
FA_ACCUM FRAME_SEQ SEQ_START
FRAME_
START
001111 (Ofh) BLC Control 4
00
RW BPIX_AVAIL
[7]
BPIX_AVAIL
[6]
BPIX_AVAIL
[5]
BPIX_AVAIL
[4]
BPIX_AVAIL
[3]
BPIX_AVAIL
[2]
BPIX_AVAIL
[1]
BPIX_AVAIL
[0]
100000 (20h) DAC Value (Red)
80
RW
DACR[7]
DACR[6]
DACR[5]
DACR[4]
DACR[3]
DACR[2]
DACR[1]
DACR[0]
100001 (21h) DAC Value (Green)
80
RW
DACG[7]
DACG[6]
DACG[5]
DACG[4]
DACG[3]
DACG[2]
DACG[1]
DACG[0]
100010 (22h) DAC Value (Blue)
80
RW
DACB[7]
DACB[6]
DACB[5]
DACB[4]
DACB[3]
DACB[2]
DACB[1]
DACB[0]
100011 (23h) DAC Value (RGB)
80
W
DACRGB[7] DACRGB[6]
DACRGB[5]
DACRGB[4]
DACRGB[3]
DACRGB[2]
DACRGB[1]
DACRGB[0]
100100 (24h) PGA Gain LSB (Red)
00
RW
0
0
0
0
0
0
0
PGAR[0]
100101 (25h) PGA Gain LSB (Green)
00
RW
0
0
0
0
0
0
0
PGAG[0]
100110 (26h) PGA Gain LSB (Blue)
00
RW
0
0
0
0
0
0
0
PGAB[0]
100111 (27h) PGA Gain LSB (RGB)
00
W
0
0
0
0
0
0
0
PGARGB[0]
101000 (28h) PGA Gain MSBs (Red)
0C
RW
PGAR[8]
PGAR[7]
PGAR[6]
PGAR[5]
PGAR[4]
PGAR[3]
PGAR[2]
PGAR[1]
101001 (29h) PGA Gain MSBs (Green)
0C
RW
PGAG[8]
PGAG[7]
PGAG[6]
PGAG[5]
PGAG[4]
PGAG[3]
PGAG[2]
PGAG[1]
101010 (2Ah) PGA Gain MSBs (Blue)
0C
RW
PGAB[8]
PGAB[7]
PGAB[6]
PGAB[5]
PGAB[4]
PGAB[3]
PGAB[2]
PGAB[1]
101011 (2Bh) PGA Gain MSBs (RGB)
0C
W
PGARGB[8] PGARGB[7]
PGARGB[6]
PGARGB[5]
PGARGB[4]
PGARGB[3]
PGARGB[2]
PGARGB[1]
101100(2Ch) BLC Control 5
00
RW LINE_DEL[8] BLC_DEL[6] BLC_DEL[5]
BLC_DEL[4]
BLC_DEL[3] BLC_DEL[2]
BLC_DEL[1]
BLC_DEL[0]
101101(2Dh) BLC Control 6
00
RW LINE_DEL[7] LINE_DEL[6] LINE_DEL[5] LINE_DEL[4] LINE_DEL[3] LINE_DEL[2] LINE_DEL[1]
LINE_DEL[0]
Table 15 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com