Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 27Page - Cirrus Logic WM8224 Datasheet HTML 28Page - Cirrus Logic WM8224 Datasheet HTML 29Page - Cirrus Logic WM8224 Datasheet HTML 30Page - Cirrus Logic WM8224 Datasheet HTML 31Page - Cirrus Logic WM8224 Datasheet HTML 32Page - Cirrus Logic WM8224 Datasheet HTML 33Page - Cirrus Logic WM8224 Datasheet HTML 34Page - Cirrus Logic WM8224 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
31
BLC SCENARIOS OF OPERATION
The BLC can be used in various ways to suit the application, for example calibration can be done
once per page or once per line. Register set up should be carried out before the start of a frame and
is not required to be done on a line by line basis if using the Method 1 OEB PIN method.
Five
potential scenarios of operation are suggested below.
Note: The registers FRAME_START and SEQ_START when set high by the user will automatically
be set low by the device.
SCENARIO 1
Coarse Adjust Calibration enabled for the 1
st line, Fine Adjust Calibration enabled every line with the
Fine Adjust Calibration result recalculated every line. This scenario is suitable for dealing with large
amounts of d.c. drift throughout a frame; but this is at a cost of potential line-by-line variation in the
Fine Adjust result (dependent on sensor noise and the PGA gain). Table 6 shows which registers are
required for this scenario with example settings.
SETUP
REGISTER
BPIX_AVAIL
CADUR
FRAME_START
FA_EVERYLINE
Value
50
2
1
1
Table 6 Example Register Settings for Scenario 1
Figure 27 Scenario 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com